Electronic Components Datasheet Search
  English  ▼

X  

ADV7343 Datasheet(PDF) 68 Page - Analog Devices

Part # ADV7343
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7343 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADV7343 Datasheet HTML 64Page - Analog Devices ADV7343 Datasheet HTML 65Page - Analog Devices ADV7343 Datasheet HTML 66Page - Analog Devices ADV7343 Datasheet HTML 67Page - Analog Devices ADV7343 Datasheet HTML 68Page - Analog Devices ADV7343 Datasheet HTML 69Page - Analog Devices ADV7343 Datasheet HTML 70Page - Analog Devices ADV7343 Datasheet HTML 71Page - Analog Devices ADV7343 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 68 of 88
TYPICAL APPLICATION CIRCUIT
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
S0
S1
S2
S3
S4
S5
S6
S7
DGND
PGND
DGND
PGND
0.1µF
GND_IO
0.01µF
GND_IO
33µF
GND_IO
10µF
GND_IO
FERRITE BEAD
VDD_IO
VDD_IO POWER
SUPPLY
DECOUPLING
0.1µF
PGND
0.01µF
PGND
33µF
PGND
10µF
PGND
FERRITE BEAD
PVDD
(1.8V)
PVDD POWER
SUPPLY
DECOUPLING
0.1µF
AGND
0.01µF
AGND
33µF
AGND
10µF
AGND
FERRITE BEAD
VAA
VAA POWER
SUPPLY
DECOUPLING
0.1µF
DGND
0.01µF
DGND
33µF
AGND
10µF
DGND
FERRITE BEAD
VDD
(1.8V)
VDD POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
ADV7342/ADV7343
1.235V
C0
C1
C2
C3
C4
C5
TEST0
TEST1
TEST2
TEST3
TEST4
TEST5
C6
C7
S_HSYNC
S_VSYNC
P_HSYNC
P_VSYNC
P_BLANK
CLKIN_A
CLKIN_B
AGND
AGND
DGND
DGND
GND_IO
GND_IO
VREF
AD1580
VAA
1.1kΩ
OPTIONAL. IF THE INTERNAL VOLTAGE
REFERENCE IS USED, A 0.1µF CAPACITOR
SHOULD BE CONNECTED FROM VREF TO VAA.
0.1µF
RSET1
RSET2
AGND
4.12kΩ
510Ω
75Ω
DAC 4
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
DAC 4
DAC 5
DAC 5
DAC 6
DAC 6
COMP1
COMP2
VAA
2.2nF
VAA
2.2nF
EXT_LF2
EXT_LF1
12nF
150nF
170Ω
PVDD
SDA/SCLK
SCL/MOSI
SFL/MISO
ALSB/SPI_SS
PIXEL PORT INPUTS
CONTROL
INPUTS/OUTPUTS
UNUSED
CONNECT TO DGND
CLOCK INPUTS
MPU PORT
INPUTS/OUTPUTS
DAC 1
DAC 2
DAC 3
DAC 1
DAC 3
DGND
DACs 1-3 LOW DRIVE OPTION
RSET1
AGND
4.12kΩ
EXTERNAL LOOP FILTERS
LOOP FILTER COMPONENTS
SHOULD BE LOCATED
CLOSE TO THE EXT_LF
PINS AND ON THE SAME
SIDE OF THE PCB AS THE
ADV7342/ADV7343.
OPTIONAL LPF
AGND
NOTES
1. FOR OPTIMUM PERFORMANCE, EXTERNAL COMPONENTS CONNECTED
TO THE COMP, RSET, VREF AND DAC OUTPUT PINS SHOULD BE LOCATED
CLOSE TO AND ON THE SAME SIDE OF THE PCB AS THE ADV7342/ADV7343.
2. WHEN OPERATING IN I2C MODE, THE I2C DEVICE ADDRESS IS
CONFIGURABLE USING THE ALSB/SPI_SS PIN:
ALSB/SPI_SS = 0, I2C DEVICE ADDRESS = 0xD4 OR 0x54
ALSB/SPI_SS = 1, I2C DEVICE ADDRESS = 0xD6 OR 0x56
3. THE RESISTORS CONNECTED TO THE RSET PINS SHOULD HAVE A 1%
TOLERANCE.
AD8061
75Ω
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
OPTIONAL LPF
AD8061
75Ω
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
OPTIONAL LPF
AD8061
75Ω
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
OPTIONAL LPF
AD8061
75Ω
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
OPTIONAL LPF
AD8061
75Ω
AGND
300Ω
510Ω
AGND
510Ω
+
–
+V
–V
OPTIONAL LPF
AD8061
DAC 2
12nF
150nF
170Ω
1µF
AGND
DAC 1
DAC 2
DAC 3
AGND
75Ω
AGND
75Ω
AGND
75Ω
DAC 1
DAC 2
DAC 3
DACs 1-3 FULL DRIVE OPTION
OPTIONAL LPF
OPTIONAL LPF
OPTIONAL LPF
Figure 90. ADV7342/ADV7343 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com