Electronic Components Datasheet Search
  English  ▼

X  

2SC5435 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 2SC5435 Datasheet HTML 25Page - Renesas Technology Corp 2SC5435 Datasheet HTML 26Page - Renesas Technology Corp 2SC5435 Datasheet HTML 27Page - Renesas Technology Corp 2SC5435 Datasheet HTML 28Page - Renesas Technology Corp 2SC5435 Datasheet HTML 29Page - Renesas Technology Corp 2SC5435 Datasheet HTML 30Page - Renesas Technology Corp 2SC5435 Datasheet HTML 31Page - Renesas Technology Corp 2SC5435 Datasheet HTML 32Page - Renesas Technology Corp 2SC5435 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet PU10067EJ01V0DS
27
µµµµPA860TD
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.611
0.565
0.497
0.445
0.388
0.345
0.309
0.286
0.268
0.257
0.250
0.245
0.239
0.239
0.238
0.238
0.236
0.237
0.236
0.237
0.233
0.233
0.232
0.233
0.234
0.234
0.233
0.238
0.240
0.243
0.325
0.463
−16.9
−32.0
−45.9
−58.7
−69.6
−79.0
−89.1
−98.0
−106.1
−113.2
−120.6
−126.5
−132.1
−136.6
−140.9
−145.4
−148.3
−150.8
−154.1
−155.8
−159.4
−162.0
−164.1
−166.8
−170.0
−172.6
−175.3
−178.1
−179.0
178.2
166.7
160.2
21.835
19.735
17.767
15.782
13.915
12.371
11.063
9.996
9.076
8.292
7.645
7.080
6.587
6.142
5.772
5.439
5.136
4.878
4.628
4.424
4.227
4.062
3.900
3.751
3.619
3.483
3.351
3.256
3.173
3.069
2.337
1.834
163.8
150.0
139.1
129.1
121.5
115.2
110.0
105.2
101.2
97.7
94.5
91.7
88.9
86.3
84.0
81.6
79.4
77.4
75.4
73.6
71.8
69.7
67.9
66.2
64.6
62.8
61.1
59.2
57.5
56.0
41.1
24.5
0.011
0.020
0.028
0.034
0.040
0.044
0.049
0.054
0.058
0.062
0.067
0.071
0.076
0.080
0.085
0.089
0.094
0.099
0.104
0.109
0.114
0.119
0.125
0.130
0.135
0.141
0.147
0.153
0.158
0.164
0.236
0.314
76.4
75.8
71.6
67.6
66.6
65.4
65.0
65.3
65.3
65.7
66.1
66.5
66.7
67.1
67.4
67.6
68.0
68.2
68.3
68.2
68.3
68.1
68.0
67.9
67.7
67.4
67.3
67.1
67.2
66.8
61.5
44.4
0.935
0.868
0.785
0.704
0.631
0.569
0.519
0.476
0.442
0.411
0.385
0.362
0.343
0.327
0.313
0.301
0.291
0.283
0.277
0.271
0.267
0.263
0.262
0.259
0.257
0.256
0.256
0.256
0.254
0.252
0.201
0.174
−10.6
−20.1
−27.3
−32.9
−36.7
−39.6
−41.8
−43.6
−44.9
−46.3
−47.5
−48.6
−49.9
−51.2
−52.6
−54.2
−55.7
−57.3
−59.1
−60.8
−62.6
−64.8
−66.6
−68.7
−70.5
−72.8
−74.5
−76.6
−77.9
−80.1
−109.7
−146.6
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.428
0.373
0.317
0.273
0.236
0.211
0.194
0.186
0.182
0.181
0.183
0.186
0.190
0.194
0.198
0.202
0.202
0.205
0.206
0.208
0.208
0.207
0.208
0.209
0.212
0.214
0.215
0.218
0.222
0.224
0.309
0.444
−23.4
−41.7
−58.5
−73.0
−85.5
−96.8
−108.3
−118.2
−126.0
−133.6
−140.6
−145.8
−150.9
−153.9
−157.2
−160.9
−163.3
−165.7
−167.7
−168.6
−172.3
−174.4
−176.5
−179.0
178.9
176.6
174.1
172.0
171.1
168.9
162.0
157.3
29.961
25.683
21.883
18.582
15.880
13.809
12.158
10.857
9.781
8.877
8.151
7.525
6.978
6.493
6.097
5.728
5.406
5.122
4.860
4.642
4.432
4.256
4.083
3.925
3.780
3.637
3.503
3.399
3.304
3.195
2.423
1.886
159.0
142.5
130.7
120.9
113.9
108.3
103.6
99.6
96.2
93.2
90.5
88.1
85.6
83.4
81.3
79.3
77.2
75.5
73.8
72.1
70.4
68.7
66.9
65.3
63.9
62.3
60.6
59.0
57.4
55.9
41.9
26.8
0.010
0.018
0.025
0.031
0.036
0.041
0.047
0.052
0.057
0.062
0.068
0.073
0.079
0.084
0.090
0.095
0.101
0.106
0.112
0.118
0.123
0.129
0.135
0.141
0.147
0.153
0.159
0.165
0.171
0.176
0.248
0.317
83.9
74.9
72.6
71.5
71.2
71.2
71.4
71.7
71.7
71.9
71.9
72.3
71.9
71.9
71.8
71.5
71.4
71.0
71.0
70.5
70.1
69.8
69.3
68.7
68.2
67.6
67.3
66.7
66.5
65.9
58.8
41.7
0.884
0.782
0.675
0.585
0.513
0.457
0.411
0.374
0.344
0.318
0.297
0.278
0.262
0.248
0.237
0.227
0.218
0.212
0.207
0.202
0.199
0.197
0.195
0.194
0.193
0.192
0.192
0.192
0.190
0.190
0.144
0.131
−14.2
−25.8
−33.2
−38.2
−41.1
−43.2
−44.6
−45.8
−46.8
−47.8
−48.7
−49.7
−50.9
−52.2
−53.6
−55.2
−56.9
−58.6
−60.3
−62.4
−64.3
−66.7
−68.6
−71.0
−73.0
−75.5
−77.5
−79.8
−81.1
−83.5
−119.6
−159.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com