Electronic Components Datasheet Search
  English  ▼

X  

2SC5435 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5435 Datasheet HTML 5Page - Renesas Technology Corp 2SC5435 Datasheet HTML 6Page - Renesas Technology Corp 2SC5435 Datasheet HTML 7Page - Renesas Technology Corp 2SC5435 Datasheet HTML 8Page - Renesas Technology Corp 2SC5435 Datasheet HTML 9Page - Renesas Technology Corp 2SC5435 Datasheet HTML 10Page - Renesas Technology Corp 2SC5435 Datasheet HTML 11Page - Renesas Technology Corp 2SC5435 Datasheet HTML 12Page - Renesas Technology Corp 2SC5435 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet PU10067EJ01V0DS
7
µµµµPA860TD
Q1
Q2
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 1 V
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2 V
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 1 V
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2 V
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com