Electronic Components Datasheet Search
  English  ▼

X  

2SC5435 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 2SC5435 Datasheet HTML 21Page - Renesas Technology Corp 2SC5435 Datasheet HTML 22Page - Renesas Technology Corp 2SC5435 Datasheet HTML 23Page - Renesas Technology Corp 2SC5435 Datasheet HTML 24Page - Renesas Technology Corp 2SC5435 Datasheet HTML 25Page - Renesas Technology Corp 2SC5435 Datasheet HTML 26Page - Renesas Technology Corp 2SC5435 Datasheet HTML 27Page - Renesas Technology Corp 2SC5435 Datasheet HTML 28Page - Renesas Technology Corp 2SC5435 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Data Sheet PU10067EJ01V0DS
23
µµµµPA860TD
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.800
0.762
0.699
0.632
0.560
0.500
0.451
0.404
0.369
0.339
0.321
0.309
0.298
0.292
0.285
0.284
0.283
0.282
0.283
0.280
0.290
0.289
0.298
0.297
0.304
0.302
0.309
0.310
0.303
0.304
0.353
0.441
−14.8
−29.9
−43.3
−54.5
−66.3
−76.5
−86.0
−95.3
−104.6
−113.4
−122.2
−130.1
−137.9
−144.9
−150.8
−157.1
−162.3
−167.1
−171.9
−175.6
−179.7
177.4
173.9
171.5
168.7
165.9
164.1
161.1
159.6
154.7
128.4
106.4
14.185
13.456
12.386
11.241
10.196
9.233
8.357
7.591
6.941
6.384
5.896
5.456
5.089
4.753
4.461
4.214
3.973
3.771
3.576
3.416
3.275
3.131
3.016
2.900
2.789
2.700
2.600
2.507
2.393
2.335
1.811
1.435
166.6
154.6
144.2
135.0
126.7
119.8
114.2
108.9
104.4
100.2
96.7
93.6
90.4
87.5
84.7
82.2
79.9
77.6
75.8
73.6
71.7
70.0
68.4
66.7
65.2
64.0
62.4
61.1
58.8
56.9
40.1
25.2
0.016
0.029
0.040
0.050
0.058
0.064
0.070
0.075
0.079
0.084
0.088
0.092
0.096
0.101
0.105
0.109
0.113
0.117
0.121
0.125
0.129
0.133
0.138
0.143
0.147
0.152
0.156
0.160
0.166
0.171
0.221
0.270
81.3
74.6
68.8
64.4
60.6
58.2
56.2
55.0
54.2
53.6
53.2
53.1
53.0
52.9
52.9
52.9
52.9
53.0
53.0
52.9
53.0
53.0
53.0
52.8
52.8
52.7
52.4
52.1
51.3
51.3
47.7
38.6
0.972
0.928
0.859
0.790
0.721
0.657
0.602
0.554
0.516
0.482
0.454
0.431
0.414
0.399
0.386
0.375
0.363
0.354
0.347
0.337
0.333
0.322
0.320
0.308
0.306
0.299
0.294
0.289
0.275
0.274
0.251
0.224
−8.5
−16.1
−22.2
−27.6
−31.6
−35.0
−37.4
−39.6
−41.6
−43.4
−44.8
−46.3
−47.5
−48.8
−49.8
−50.8
−51.6
−52.2
−52.9
−53.1
−54.1
−53.9
−54.6
−55.2
−56.0
−57.3
−57.3
−58.9
−60.0
−63.0
−85.9
−117.1
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.736
0.696
0.619
0.544
0.473
0.418
0.373
0.334
0.310
0.288
0.277
0.271
0.266
0.265
0.262
0.266
0.268
0.270
0.272
0.272
0.282
0.275
0.292
0.290
0.298
0.297
0.302
0.304
0.298
0.299
0.352
0.443
−18.2
−35.5
−50.5
−63.0
−75.5
−86.5
−96.5
−106.4
−116.3
−125.7
−134.5
−142.6
−150.7
−156.6
−162.8
−168.0
−172.8
−177.0
178.7
175.5
171.9
169.3
166.7
164.8
162.1
159.4
158.0
155.1
154.0
149.4
125.5
104.8
17.762
16.431
14.686
12.978
11.479
10.202
9.131
8.216
7.430
6.799
6.255
5.762
5.365
4.988
4.679
4.408
4.153
3.940
3.734
3.565
3.415
3.262
3.145
3.021
2.906
2.812
2.709
2.610
2.490
2.429
1.873
1.478
164.3
150.3
138.8
129.3
121.2
114.6
109.4
104.5
100.4
96.6
93.3
90.5
87.7
85.1
82.5
80.2
78.0
75.8
74.1
72.1
70.4
68.8
67.2
65.6
64.1
63.0
61.5
60.3
58.1
56.4
39.9
25.7
0.014
0.028
0.038
0.046
0.052
0.058
0.063
0.068
0.073
0.077
0.082
0.087
0.091
0.096
0.101
0.105
0.110
0.114
0.119
0.124
0.128
0.133
0.138
0.143
0.148
0.153
0.158
0.162
0.168
0.173
0.225
0.275
81.1
71.8
67.4
63.4
60.7
59.0
57.7
57.3
57.0
57.0
56.7
56.9
56.8
56.9
57.0
57.1
56.9
57.0
56.9
56.8
56.7
56.6
56.4
56.2
56.1
55.9
55.6
55.2
54.2
54.1
49.2
39.2
0.961
0.898
0.810
0.727
0.652
0.588
0.535
0.491
0.456
0.425
0.402
0.381
0.366
0.353
0.342
0.333
0.324
0.316
0.310
0.301
0.298
0.288
0.286
0.275
0.273
0.267
0.263
0.257
0.244
0.244
0.226
0.204
−10.3
−19.2
−25.7
−31.0
−34.6
−37.3
−39.3
−41.0
−42.5
−44.0
−45.2
−46.6
−47.6
−48.9
−49.9
−50.8
−51.6
−52.1
−52.9
−53.0
−54.0
−53.8
−54.4
−55.0
−55.8
−57.1
−56.8
−58.7
−59.9
−63.2
−88.1
−122.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com