Electronic Components Datasheet Search
  English  ▼

X  

AD7327 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7327
Description  500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7327 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7327 Datasheet HTML 3Page - Analog Devices AD7327 Datasheet HTML 4Page - Analog Devices AD7327 Datasheet HTML 5Page - Analog Devices AD7327 Datasheet HTML 6Page - Analog Devices AD7327 Datasheet HTML 7Page - Analog Devices AD7327 Datasheet HTML 8Page - Analog Devices AD7327 Datasheet HTML 9Page - Analog Devices AD7327 Datasheet HTML 10Page - Analog Devices AD7327 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD7327
Rev. 0 | Page 7 of 36
TIMING SPECIFICATIONS
VDD = 12 V to 16.5 V, VSS = −12 V to −16.5 V, VCC = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V to 3.0 V internal/external,
TA = TMAX to TMIN. Timing specifications apply with a 32 pF load, unless otherwise noted.1
Table 3.
Limit at TMIN, TMAX
Description
Parameter
VCC < 4.75 V
VCC = 4.75 V to 5.25 V
Unit
VDRIVE ≤ VCC
fSCLK
50
50
kHz min
10
10
MHz max
tCONVERT
16 × tSCLK
16 × tSCLK
ns max
tSCLK = 1/fSCLK
tQUIET
75
60
ns min
Minimum time between end of serial read and next falling edge of CS
t1
12
5
ns min
Minimum CS pulse width
t22
25
20
ns min
CS to SCLK set-up time; bipolar input ranges (±10 V, ±5 V, ±2.5 V)
45
35
ns min
Unipolar input range (0 V to 10 V)
t3
26
14
ns max
Delay from CS until DOUT three-state disabled
t4
57
43
ns max
Data access time after SCLK falling edge
t5
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t6
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t7
13
8
ns min
SCLK to data valid hold time
t8
40
22
ns max
SCLK falling edge to DOUT high impedance
10
9
ns min
SCLK falling edge to DOUT high impedance
t9
4
4
ns min
DIN set-up time prior to SCLK falling edge
t10
2
2
ns min
DIN hold time after SCLK falling edge
tPOWER-UP
750
750
ns max
Power-up from autostandby
500
500
μs max
Power-up from full shutdown/autoshutdown mode, internal
reference
25
25
μs typ
Power-up from full shutdown/autoshutdown mode, external
reference
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V.
2 When using the 0 V to 10 V unipolar range, running at 500 kSPS throughput rate with t2 at 20 ns, the mark space ratio needs to be limited to 50:50.
ADD1
1
2
3
4
5
13
14
15
16
WRITE
REG
SEL1
REG
SEL2
LSB
MSB
ADD0
SIGN
DB11
DB10
DB2
DB1
DB0
t2
t6
t4
t9
t10
t3
t7
t5
t8
t1
tQUIET
tCONVERT
SCLK
CS
DOUT
THREE-
STATE
THREE-STATE
DIN
ADD2
3 IDENTIFICATION BITS
DON’T
CARE
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com