Electronic Components Datasheet Search
  English  ▼

X  

AD7327 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7327
Description  500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7327 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7327 Datasheet HTML 13Page - Analog Devices AD7327 Datasheet HTML 14Page - Analog Devices AD7327 Datasheet HTML 15Page - Analog Devices AD7327 Datasheet HTML 16Page - Analog Devices AD7327 Datasheet HTML 17Page - Analog Devices AD7327 Datasheet HTML 18Page - Analog Devices AD7327 Datasheet HTML 19Page - Analog Devices AD7327 Datasheet HTML 20Page - Analog Devices AD7327 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD7327
Rev. 0 | Page 17 of 36
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
AGND
SW2
SW1
A
B
CS
VIN0
Figure 24. ADC Conversion Phase (Single-Ended)
Figure 25 shows the differential configuration during the
acquisition phase. For the conversion phase, SW3 opens and
SW1 and SW2 move to Position B (see Figure 26). The output
impedances of the source driving the VIN+ and VIN− pins must
match; otherwise, the two inputs have different settling times,
resulting in errors.
CAPACITIVE
DAC
CONTROL
LOGIC
CAPACITIVE
DAC
COMPARATOR
SW3
SW1
A
B
CS
CS
VIN+
SW2
A
B
VIN–
VREF
Figure 25. ADC Differential Configuration During Acquisition Phase
CAPACITIVE
DAC
CONTROL
LOGIC
CAPACITIVE
DAC
COMPARATOR
SW3
SW1
A
B
CS
CS
VIN+
SW2
A
B
VIN–
VREF
Figure 26. ADC Differential Configuration During Conversion Phase
Output Coding
The AD7327 default output coding is set to twos complement.
The output coding is controlled by the coding bit in the control
register. To change the output coding to straight binary coding,
the coding bit in the control register must be set. When
operating in sequence mode, the output coding for each
channel in the sequence is the value written to the coding bit
during the last write to the control register.
Transfer Functions
The designed code transitions occur at successive integer
LSB values (that is, 1 LSB, 2 LSB, and so on). The LSB size is
dependent on the analog input range selected.
Table 7. LSB Sizes for Each Analog Input Range
Input Range
Full-Scale Range/8192 Codes
LSB Size
±10 V
20 V
2.441 mV
±5 V
10 V
1.22 mV
±2.5 V
5 V
0.61 mV
0 V to +10 V
10 V
1.22 mV
The ideal transfer characteristic for the AD7327 when twos
complement coding is selected is shown in Figure 27. The ideal
transfer characteristic for the AD7327 when straight binary
coding is selected is shown in Figure 28.
011...111
011...110
000...001
000...000
111...111
–FSR/2 + 1LSB
AGND + 1LSB
+FSR/2 – 1LSB BIPOLAR RANGES
+FSR – 1LSB
UNIPOLAR RANGE
AGND – 1LSB
ANALOG INPUT
100...010
100...001
100...000
Figure 27. Twos Complement Transfer Characteristic
111...111
111...110
111...000
011...111
–FSR/2 + 1LSB
AGND + 1LSB
+FSR/2 – 1LSB BIPOLAR RANGES
+FSR – 1LSB
UNIPOLAR RANGE
ANALOG INPUT
000...010
000...001
000...000
Figure 28. Straight Binary Transfer Characteristic
ANALOG INPUT STRUCTURE
The analog inputs of the AD7327 can be configured as single-
ended, true differential, or pseudo differential via the control
register mode bits (see Table 9). The AD7327 can accept true
bipolar input signals. On power-up, the analog inputs operate as
eight single-ended analog input channels. If true differential or
pseudo differential is required, a write to the control register is
necessary after power-up to change this configuration.
Figure 29 shows the equivalent analog input circuit of the
AD7327 in single-ended mode. Figure 30 shows the equivalent
analog input structure in differential mode. The two diodes
provide ESD protection for the analog inputs.
D
D
VDD
C2
R1
VIN0
VSS
C1
Figure 29. Equivalent Analog Input Circuit (Single-Ended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com