Electronic Components Datasheet Search
  English  ▼

X  

AD7327 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7327
Description  500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7327 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7327 Datasheet HTML 28Page - Analog Devices AD7327 Datasheet HTML 29Page - Analog Devices AD7327 Datasheet HTML 30Page - Analog Devices AD7327 Datasheet HTML 31Page - Analog Devices AD7327 Datasheet HTML 32Page - Analog Devices AD7327 Datasheet HTML 33Page - Analog Devices AD7327 Datasheet HTML 34Page - Analog Devices AD7327 Datasheet HTML 35Page - Analog Devices AD7327 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD7327
Rev. 0 | Page 33 of 36
MICROPROCESSOR INTERFACING
The serial interface on the AD7327 allows the part to be directly
connected to a range of different microprocessors. This section
explains how to interface the AD7327 with some common
microcontroller and DSP serial interface protocols.
AD7327 TO ADSP-21xx
The ADSP-21xx family of DSPs interface directly to the AD7327
without requiring glue logic. The VDRIVE pin of the AD7327 takes
the same supply voltage as that of the ADSP-21xx. This allows
the ADC to operate at a higher supply voltage than its serial
interface. The SPORT0 on the ADSP-21xx should be configured
as shown in Table 14.
Table 14. SPORT0 Control Register Setup
Setting
Description
TFSW = RFSW = 1
Alternative framing
INVRFS = INVTFS = 1
Active low frame signal
DTYPE = 00
Right justify data
SLEN = 1111
16-bit data-word
ISCLK = 1
Internal serial clock
TFSR = RFSR = 1
Frame every word
IRFS = 0
ITFS = 1
The connection diagram is shown in Figure 54. The ADSP-21xx
has TFS0 and RFS0 tied together. TFS0 is set as an output, and
RFS0 is set as an input. The DSP operates in alternative framing
mode, and the SPORT0 control register is set up as described in
Table 14
. The frame synchronization signal generated on the TFS
is tied to CS, and, as with all signal processing applications, requires
equidistant sampling. However, as in this example, the timer
interrupt is used to control the sampling rate of the ADC, and
under certain conditions equidistant sampling cannot be achieved.
AD73271
ADSP-21xx1
SCLK
SCLK0
CS
TFS0
RFS0
DOUT
DIN
DT0
DR0
VDD
VDRIVE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 54. Interfacing the AD7327 to the ADSP-21xx
The timer registers are loaded with a value that provides an
interrupt at the required sampling interval. When an interrupt
is received, a value is transmitted with TFS/DT (ADC control
word). The TFS is used to control the RFS, and hence the
reading of data.
The frequency of the serial clock is set in the SCLKDIV register.
When the instruction to transmit with TFS is given (AX0 =
TX0), the state of the serial clock is checked. The DSP waits
until the SCLK has gone high, low, and high again before
starting the transmission. If the timer and SCLK are chosen so
that the instruction to transmit occurs on or near the rising
edge of SCLK, data can be transmitted immediately or at the
next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3, an
SCLK of 2 MHz is obtained, and eight master clock periods elapse
for every one SCLK period. If the timer registers are loaded with
the value 803, 100.5 SCLKs occur between interrupts and, sub-
sequently, between transmit instructions. This situation leads to
nonequidistant sampling because the transmit instruction occurs
on an SCLK edge. If the number of SCLKs between interrupts is
an integer of N, equidistant sampling is implemented by the DSP.
AD7327 TO ADSP-BF53x
The ADSP-BF53x family of DSPs interfaces directly to the
AD7327 without requiring glue logic, as shown in Figure 55.
The SPORT0 Receive Configuration 1 register should be set up
as outlined in Table 15.
AD73271
ADSP-BF53x1
VDD
VDRIVE
SCLK
RSCLK0
DIN
DT0
DOUT
DR0
CS
RFS0
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 55. Interfacing the AD7327 to the ADSP-BF53x
Table 15. SPORT0 Receive Configuration 1 Register
Setting
Description
RCKFE = 1
Sample data with falling edge of RSCLK
LRFS = 1
Active low frame signal
RFSR = 1
Frame every word
IRFS = 1
Internal RFS used
RLSBIT = 0
Receive MSB first
RDTYPE = 00
Zero fill
IRCLK = 1
Internal receive clock
RSPEN = 1
Receive enable
SLEN = 1111
16-bit data-word
TFSR = RFSR = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com