Electronic Components Datasheet Search
  English  ▼

X  

AD7328 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7328 Datasheet HTML 25Page - Analog Devices AD7328 Datasheet HTML 26Page - Analog Devices AD7328 Datasheet HTML 27Page - Analog Devices AD7328 Datasheet HTML 28Page - Analog Devices AD7328 Datasheet HTML 29Page - Analog Devices AD7328 Datasheet HTML 30Page - Analog Devices AD7328 Datasheet HTML 31Page - Analog Devices AD7328 Datasheet HTML 32Page - Analog Devices AD7328 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD7328
Rev. A | Page 29 of 36
AUTOSHUTDOWN MODE
AUTOSTANDBY MODE
(PM1 = 1, PM0 = 0)
(PM1 = 0, PM0 =1)
Once the autoshutdown mode is selected, the AD7328 auto-
matically enters shutdown on the 15
In autostandby mode, portions of the AD7328 are powered
down, but the on-chip reference remains powered up. The
reference bit in the control register should be 1 to ensure that
the on-chip reference is enabled. This mode is similar to auto-
shutdown but allows the AD7328 to power up much faster,
which allows faster throughput rates.
th SCLK rising edge. In
autoshutdown mode, all internal circuitry is powered down.
The AD7328 retains information in the registers during
autoshutdown. The track-and-hold is in hold mode during
autoshutdown. On the rising CS edge, the track-and-hold,
which was in hold during shutdown, returns to track as the
AD7328 begins to power up. The time to power-up from auto
shutdown is 500 μs.
As is the case with autoshutdown mode, the AD7328 enters
standby on the 15th SCLK rising edge once the control register is
updated (see Figure 50). The part retains information in the
registers during standby. The AD7328 remains in standby until
it receives a
When the control register is programmed to transition to
autoshutdown mode, it does so on the 15
CS rising edge. The ADC begins to power up on the
th SCLK rising edge.
Figure 50 shows the part entering the autoshutdown mode.
Once in autoshutdown mode, the CS signal must remain low to
keep the part in autoshutdown mode. The AD7328 automatically
begins to power up on the CS rising edge. The tPOWER-UP is
required before a valid conversion, initiated by bringing the CS
signal low, can take place. Once this valid conversion is
complete, the AD7328 powers down again on the 15th SCLK
rising edge. The CS signal must remain low again to keep the
part in autoshutdown mode.
CS
CS
rising edge. On the
rising edge, the track-and-hold,
which was in hold mode while the part was in standby, returns
to track.
The power-up time from standby is 700 ns. The user should
ensure that 700 ns have elapsed before bringing CS low to
attempt a valid conversion. Once this valid conversion is
complete, the AD7328 again returns to standby on the 15th
SCLK rising edge. The CS signal must remain low to keep the
part in standby mode.
Figure 50 shows the part entering autoshutdown mode. The
sequence of events is the same when entering autostandby mode.
In Figure 50, the power management bits are configured for auto-
shutdown. For autostandby mode, the power management bits,
PM1 and PM0, should be set to 0 and 1, respectively.
CS
116
15
1
16
15
SCLK
SDATA
DIN
VALID DATA
VALID DATA
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
tPOWER-UP
CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS,
PM1 = 1, PM0 = 0
PART ENTERS SHUTDOWN MODE
ON THE 15TH RISING SCLK EDGE
AS PM1 = 1, PM0 = 0
PARTBEGINS TOPOWER
UP ON CS RISING EDGE
THE PARTIS FULLY POWERED UP
ONCE
tPOWER-UP HAS ELAPSED
Figure 50. Entering Autoshutdown/Autostandby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com