Electronic Components Datasheet Search
  English  ▼

X  

AD7328 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7328 Datasheet HTML 26Page - Analog Devices AD7328 Datasheet HTML 27Page - Analog Devices AD7328 Datasheet HTML 28Page - Analog Devices AD7328 Datasheet HTML 29Page - Analog Devices AD7328 Datasheet HTML 30Page - Analog Devices AD7328 Datasheet HTML 31Page - Analog Devices AD7328 Datasheet HTML 32Page - Analog Devices AD7328 Datasheet HTML 33Page - Analog Devices AD7328 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD7328
Rev. A | Page 30 of 36
POWER VS. THROUGHPUT RATE
20
0
0
1000
THROUGHPUT RATE (kHz)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
800
900
20MHz SCLK
VARIABLE SCLK
VCC =5V
VDD/VSS = ±12V
TA =25°C
INTERNAL REFERENCE
The power consumption of the AD7328 varies with throughput
rate. The static power consumed by the AD7328 is very low, and
significant power savings can be achieved as the throughput
rate is reduced. Figure 51 and Figure 52 shows the power vs.
throughput rate for the AD7328 at a VCC of 3 V and 5 V, respect-
tively. Both plots clearly show that the average power consumed
by the AD7328 is greatly reduced as the sample frequency is
reduced. This is true whether a fixed SCLK value is used or if it
is scaled with the sampling frequency. Figure 51 and Figure 52
show the power consumption when operating in normal mode
for a fixed 20 MHz SCLK and a variable SCLK that scales with
the sampling frequency.
12
0
0
1100
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100 200 300 400 500 600 700 800 900 1000
VARIABLE SCLK
20MHz SCLK
VCC =3V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 52. Power vs. Throughput Rate with 5 V VCC
Figure 51. Power vs. Throughput Rate with 3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com