Electronic Components Datasheet Search
  English  ▼

X  

BSP130 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP130
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP130 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP130 Datasheet HTML 1Page - NXP Semiconductors BSP130 Datasheet HTML 2Page - NXP Semiconductors BSP130 Datasheet HTML 3Page - NXP Semiconductors BSP130 Datasheet HTML 4Page - NXP Semiconductors BSP130 Datasheet HTML 5Page - NXP Semiconductors BSP130 Datasheet HTML 6Page - NXP Semiconductors BSP130 Datasheet HTML 7Page - NXP Semiconductors BSP130 Datasheet HTML 8Page - NXP Semiconductors BSP130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP130
Fig.6 Typical output characteristics.
Tj =25 °C.
handbook, halfpage
0
1.2
0.8
VDS (V)
ID
(A)
0.4
0
48
12
MRC217
P = 1.5 W
4 V
3.5 V
3 V
2 V
5 V
2.5 V
VGS = 10 V
Fig.7 Typical transfer characteristics.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
04
12
1.2
0
0.4
0.8
ID
(A)
VGS (V)
8
MRC223
Fig.8
Drain-source on-resistance as a function of
drain current, typical values.
Tj =25 °C.
handbook, halfpage
30
0
20
10
MRC219
RDSon
(
Ω)
ID (A)
110
10−1
10−2
4 V
5 V
10 V
3 V 3.5 V
2.5 V
VGS = 2 V
Fig.9
Drain-source on-resistance as a function of
gate-source voltage, typical values.
VDS = 100 mV; Tj =25 °C.
handbook, halfpage
010
25
0
5
10
15
20
24
6
RDSon
(
Ω)
8
MRC220
VGS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com