Electronic Components Datasheet Search
  English  ▼

X  

BSP130 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP130
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP130 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP130 Datasheet HTML 1Page - NXP Semiconductors BSP130 Datasheet HTML 2Page - NXP Semiconductors BSP130 Datasheet HTML 3Page - NXP Semiconductors BSP130 Datasheet HTML 4Page - NXP Semiconductors BSP130 Datasheet HTML 5Page - NXP Semiconductors BSP130 Datasheet HTML 6Page - NXP Semiconductors BSP130 Datasheet HTML 7Page - NXP Semiconductors BSP130 Datasheet HTML 8Page - NXP Semiconductors BSP130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP130
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL RESISTANCE
Note
1. Device mounted on an epoxy printed-circuit board, 40 x 40 x 1.5 mm, mounting pad for the drain tab minimum 6 cm2.
STATIC CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
300
V
±VGSO
gate-source voltage
open drain
−
20
V
ID
DC drain current
−
300
mA
IDM
peak drain current
−
1.4
A
Ptot
total power dissipation
up to Tamb = 25 °C; note 1
−
1.5
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient; note 1
83.3 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 10 µA; VGS = 0
300
−−
V
±I
GSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
100
nA
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS = VGS
0.8
−
2V
RDS(on)
drain-source on-resistance
ID = 20 mA; VGS = 2.4 V
−
7.9
14
Ω
ID = 250 mA; VGS = 10 V
−
6.7
8
Ω
IDSS
drain-source leakage current
VDS = 240 V; VGS = 0
−−
100
nA
 Y
fs
transfer admittance
ID = 250 mA; VDS = 25 V
200
380
−
mS
Ciss
input capacitance
VDS = 25 V; VGS = 0;
f = 1 MHz
−
57
90
pF
Coss
output capacitance
VDS = 25 V; VGS = 0;
f = 1 MHz
−
15
30
pF
Crss
feedback capacitance
VDS = 25 V; VGS = 0;
f = 1 MHz
−
2.6
15
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
ID = 250 mA; VDD = 50 V;
VGS = 0 to 10 V
−
2.5
10
ns
toff
turn-off time
ID = 250 mA; VDD = 50 V;
VGS = 10 to 0 V
−
17
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com