Electronic Components Datasheet Search
  English  ▼

X  

BSP254 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP254
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP254 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP254 Datasheet HTML 1Page - NXP Semiconductors BSP254 Datasheet HTML 2Page - NXP Semiconductors BSP254 Datasheet HTML 3Page - NXP Semiconductors BSP254 Datasheet HTML 4Page - NXP Semiconductors BSP254 Datasheet HTML 5Page - NXP Semiconductors BSP254 Datasheet HTML 6Page - NXP Semiconductors BSP254 Datasheet HTML 7Page - NXP Semiconductors BSP254 Datasheet HTML 8Page - NXP Semiconductors BSP254 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP254; BSP254A
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
P-channel vertical D-MOS transistor
in a TO-92 variant envelope and
intended for use as a line current
interruptor in relay, high-speed and
line transformer drivers.
PINNING - TO-92 variant BSP254
PINNING - TO-92 variant BSP254A
PIN
DESCRIPTION
1
gate
2
drain
3
source
PIN
DESCRIPTION
1
source
2
gate
3
drain
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
VDS
drain-source
voltage
−−−250 V
VGSO
gate-source
voltage
open drain
−−±20
V
 Y
fs
forward transfer
admittance
ID = −200 mA;
VDS = −25V
100
200
−
mS
ID
drain current (DC)
−−−0.2
A
RDS(on)
drain-source
on-state resistance
VGS = −10 V;
ID = −200 mA
−
10
15
Ω
Ptot
total power
dissipation
Tamb =25 °C
−−
1W
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM147
s
d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com