Electronic Components Datasheet Search
  English  ▼

X  

BSP254 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP254
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP254 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP254 Datasheet HTML 1Page - NXP Semiconductors BSP254 Datasheet HTML 2Page - NXP Semiconductors BSP254 Datasheet HTML 3Page - NXP Semiconductors BSP254 Datasheet HTML 4Page - NXP Semiconductors BSP254 Datasheet HTML 5Page - NXP Semiconductors BSP254 Datasheet HTML 6Page - NXP Semiconductors BSP254 Datasheet HTML 7Page - NXP Semiconductors BSP254 Datasheet HTML 8Page - NXP Semiconductors BSP254 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP254; BSP254A
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Transistor mounted on printed circuit board, maximum lead length 4 mm,
mounting pad for drain lead minimum 10 mm x 10 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
−V
DS
drain-source voltage
−
250
V
V GSO
gate-source voltage
open drain
−
20
V
−I
D
drain current
DC
−
0.2
A
−I
DM
drain current
peak value
−
0.6
A
Ptot
total power dissipation
Tamb =25 °C (note 1)
−
1W
Tstg
storage temperature range
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
MAX.
UNIT
Rth j-a
from junction to ambient (note 1)
125
K/W
Fig.2 Power derating curve.
handbook, halfpage
0
1.2
0.8
0.4
0
50
100
200
150
MRC238
Ptot
(W)
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com