Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4702
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 1 Page - Analog Devices

  LTM4702 Datasheet HTML 1Page - Analog Devices LTM4702 Datasheet HTML 2Page - Analog Devices LTM4702 Datasheet HTML 3Page - Analog Devices LTM4702 Datasheet HTML 4Page - Analog Devices LTM4702 Datasheet HTML 5Page - Analog Devices LTM4702 Datasheet HTML 6Page - Analog Devices LTM4702 Datasheet HTML 7Page - Analog Devices LTM4702 Datasheet HTML 8Page - Analog Devices LTM4702 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM4709
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Triple 3A, Ultralow Noise, High PSRR, Ultrafast µModule
Linear Regulator with Configurable Output Array
The LTM®4709 is a low voltage, triple 3A µModule
linear regulator offering a high power supply rejection
ratio  (PSRR), ultralow noise, and ultrafast transient
response. The µModule regulator includes low dropout
linearregulators(LDO),capacitors,andresistors.Operating
over an input voltage range of 0.6V to 5.5V, the LTM4709
supports an output voltage range of 0.5V to 4.2V for
triple 3A channels with a typical dropout voltage of 45mV.
The output voltage is digitally configurable in 50mV
increments from 0.5V to 1.2V; 100mV increments from
1.2V to 1.8V; and discrete levels at 2V, 2.5V, 3V, 3.3V,
and 4.2V. A precision current monitor provides accurate
current monitoring for the energy management system
and current limit. The LTM4709 is ideal for RF communi-
cation, noise-sensitive instrumentation, post-regulation
for switching regulators, high-performance FPGAs, and
microprocessors. Only input, output, and bias ceramic
capacitors are needed for its application.
Fault protection features include UVLO, power good, over-
current, and overtemperature protection. The LTM4709 is
offered in 6mm × 12mm × 1.92mm, 98-pin BGA package
with 0.8mm ball pitch.
Configurable Output Array
3A
3A
3A
6A
3A
9A
Triple 3A µModule Regulator
APPLICATIONS
n
Linear Regulator µModule® with Triple 3A Output
n
Input Voltage: 0.6V to 5.5V
n
Configurable Output Voltage: 0.5V to 4.2V
n
Ultralow RMS Noise: 1.3μVRMS (10Hz to 100kHz)
n
High Frequency PSRR: 51dB at 1MHz
n
Low Dropout Voltage: 45mV Typical at 3A
n
Ultrafast Transient Response
n
50% Smaller Than Discrete Solutions
n
±1.5% Output Voltage Regulation Over Line, Load,
and Temperature
n
±2.4% Precision Current Monitor Accuracy at 3A
n
Stable with Ceramic Output Capacitors (10μF Minimum)
n
Parallel Multiple Devices for Higher Current
n
PG Flag, UVLO, Overcurrent and
Overtemperature Protection
n
150°C Rated Available
n
6mm × 12mm × 1.92mm BGA Package
n
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
n
High Speed/High Precision Data Converter
n
FPGA, DSP, and Microprocessor Power Supplies
n
High-Speed Servers and Storage Devices
n
Medical and Healthcare
n
Very-Low-Noise Instrumentation
n
Post-Regulation for Switching Supplies
All registered trademarks and trademarks are the property of their respective owners.
VIN PSRR at 1VOUT and 3A
LTM4709
IMONR1
PGR1,2,3
VO10
VO11
VO12
EN1,2,3
BIAS1,2,3
VO30
VO31
VO32
VO20
VO21
VO22
VOUTS1
VIN1
VIN2
VOUTS2
GND
VIN3
VOUT2
VOUT3
VOUTS3
VOUT1
IMONR3
IMONR2
3.3VBIAS
1.3VIN
10 F
× 3
4709 TA01a
22 F
22 F
22 F
0.9VOUT3
1VOUT2
0.8VOUT1
PINS NOT USED:
PG1,2,3
VIOC1,
IMON1,2,3,
VREF1,2,3
VIN = 1.3V, COUT = 22 F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 TA1b


Similar Part No. - LTM4702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4702 AD-LTM4702 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4702 AD-LTM4702 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
LTM4702 AD-LTM4702 Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
LTM4702 AD-LTM4702 Datasheet
2Mb / 28P
16VIN, 8A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. D
LTM4702EY#PBF AD-LTM4702EY#PBF Datasheet
2Mb / 28P
16VIN, 8A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. D
More results

Similar Description - LTM4702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com