Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4702
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 17Page - Analog Devices LTM4702 Datasheet HTML 18Page - Analog Devices LTM4702 Datasheet HTML 19Page - Analog Devices LTM4702 Datasheet HTML 20Page - Analog Devices LTM4702 Datasheet HTML 21Page - Analog Devices LTM4702 Datasheet HTML 22Page - Analog Devices LTM4702 Datasheet HTML 23Page - Analog Devices LTM4702 Datasheet HTML 24Page - Analog Devices LTM4702 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4709
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 15. 1.3V Input, 0.8V, 1V, 0.9V Output at Triple 3A with Minimum Solution Size
Figure 16. 12V Switching Regulator Input, 0.8V, 1V, 0.9V Output at Triple 2A with Optimized PSRR Performance
LTM4709
IMONR1
IMON1
IMON2
IMON3
PGR1,2,3
PG1,2,3
VIOC1
VO10
VO11
VO12
EN1,2,3
BIAS1,2,3
VO30
VO31
VO32
VO20
VO21
VO22
VOUTS1
VIN1
VIN2
VOUTS2
GND
VIN3
VOUT2
VOUT3
VOUTS3
VOUT1
IMONR3
VREF1,2,3
IMONR2
3.3VBIAS
1.3VIN
4.7 F
× 3
4709 F15
10 F
10 F
10 F
0.9VOUT3
1VOUT2
0.8VOUT1
LTM4709
IMONR1
IMON1
IMON2
IMON3
PGR1,2,3
PG1,2,3
VIOC1
VO10
VO11
VO12
EN1,2,3
BIAS1,2,3
VO30
VO31
VO32
VO20
VO21
VO22
VOUTS1
VIN1
VIN2
VOUTS2
GND
VIN3
VOUT2
VOUT3
VOUTS3
VOUT1
IMONR3
VREF1,2,3
IMONR2
3.3VBIAS
1.3V
4.7 F
100 F
× 2
4709 F16
22 F
22 F
22 F
0.9VOUT3
1VOUT2
0.8VOUT1
UPSTREAM
SWITCHING
REGULATOR
(e.g., LTM4702)
SET
VOUT
VOSNS
GND
VIN
13kΩ
12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com