Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4702
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4702 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4702 Datasheet HTML 9Page - Analog Devices LTM4702 Datasheet HTML 10Page - Analog Devices LTM4702 Datasheet HTML 11Page - Analog Devices LTM4702 Datasheet HTML 12Page - Analog Devices LTM4702 Datasheet HTML 13Page - Analog Devices LTM4702 Datasheet HTML 14Page - Analog Devices LTM4702 Datasheet HTML 15Page - Analog Devices LTM4702 Datasheet HTML 16Page - Analog Devices LTM4702 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM4709
13
Rev. 0
For more information www.analog.com
LTM4709
IMONR1
PGR1
VO11
VIOC1
VO10
PG1
VO12
EN1
BIAS1
VOUTS1
VIN1
GND
VREF1
VOUT1
3.3VBIAS
100 F
4.7 F
4709 F03
22 F
0.8VOUT1
SW
VFB
VIN
R1
VIN
IMON1
UPSTREAM
SWITCHING
REGULATOR
R2
R3
0.8V
–
+
×1
Figure 3. Programming Input-to-Output Difference
Furthermore, if the LTM4709 EN pin shorts to GND, the
LTM4709 input voltage can rise up to the switcher’s
input voltage, and thus potentially exceed the LTM4709’s
absolute maximum rating. To prevent this, the maximum
LTM4709 input voltage VMAXLDOIN can be set using a
resistor R3 between the VIOC1 and the input pin of the
LTM4709 (see Equation 2).
VMAXLDOIN = VREFSW • R1 + R2 + R3
R1
(2)
The VIOC1 pin is capable of sourcing 200μA. Choose R1
and R3 values such that the VIOC1 pin sources at least
10μA to ensure system stability. See Figure 17 for a typical
application to use an upstream switching regulator and
LTM4709 with VIOC function.
Power Good
The PG1,2,3 pin is an open-drain NMOS output that
actively pulls low if EN is low or if one of the following
fault modes is detected.
• VOUT is less than 93% of VOUT(NOMINAL) on the
rising edge.
• VOUT is less than 90% of VOUT(NOMINAL) on the
falling edge.
• BIAS is less than its undervoltage lockout threshold.
• Junction temperature exceeds 168°C typically.
APPLICATIONS INFORMATION
Stability and Output Capacitance
The LTM4709 feedback loop requires a minimum output
capacitance of 10μF for stability. It is recommended to
mount low ESR X5R or X7R ceramic capacitors close to
the LTM4709 VOUT and GND pins. Use wide copper planes
for VOUT and GND to minimize parasitic inductance. If
possible, mount the module adjacent to the load to min-
imize distributed inductance for optimal load transient
performance. Additional ceramic capacitors distributed
around the load are recommended.
For many applications that LTM4709 best fit, such as
FPGA, ASIC processor, or DSP supplies, typically require
a high-frequency decoupling capacitor network for the
device being powered. This network generally consists
of many low-value ceramic capacitors in parallel. Multiple
low-value capacitors in parallel present a favorable
frequency characteristic that reduces the parasitic
inductance of the capacitors.
Ceramic capacitors are manufactured with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
used are specified with EIA temperature characteristic
codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V
dielectrics are good for providing high capacitances in
a small package, but they tend to have strong voltage
and temperature coefficients as shown in Figure 4. When
used with a 5V regulator, a 16V 10μF Y5V capacitor can
exhibit an effective value as low as 1μF to 2μF for the DC
bias voltage applied and over the operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com