Electronic Components Datasheet Search
  English  ▼

X  

AD8117 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8117
Description  Video Crosspoint Switch Video Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8117 Datasheet(HTML) 1 Page - Analog Devices

  AD8117 Datasheet HTML 1Page - Analog Devices AD8117 Datasheet HTML 2Page - Analog Devices AD8117 Datasheet HTML 3Page - Analog Devices AD8117 Datasheet HTML 4Page - Analog Devices AD8117 Datasheet HTML 5Page - Analog Devices AD8117 Datasheet HTML 6Page - Analog Devices AD8117 Datasheet HTML 7Page - Analog Devices AD8117 Datasheet HTML 8Page - Analog Devices AD8117 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
500 MHz, 32 x 32 Buffered
Video Crosspoint Switch
Preliminary Technical Data
AD8117/AD8118
Rev.
PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Large, 32 x 32 High Speed, Nonblocking Switch Array
G = 1 (AD8117) or G = 2 (AD8118) Operation
Differential or Single-Ended Operation
Single +5 V supply, or dual ± 2.5 V supply
Serial or Parallel Programming of Switch Array
High impedance output disable allows connection of
multiple devices with minimal output bus load
Excellent Video Performance
100 MHz 0.1 dB Gain Flatness
0.1% Differential Gain Error (RL = 150 Ω)
0.1° Differential Phase Error (RL = 150 Ω)
Excellent AC Performance
Bandwidth: >500 MHz
Slew rate: 1,800 V/µs
Low power of 2.5 W
Low all hostile crosstalk:
-75 dB @ 5 MHz
-40 dB @ 500 MHz
Reset pin allows disabling of all outputs
(Connected through a capacitor to ground provides
power-on reset capability)
304 ball SBGA package (31 mm × 31 mm)
APPLICATIONS
Routing of high speed signals including:
RGB and component video routing
Compressed video (MPEG, Wavelet)
Data communications
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
BUFFER
G = +1
192
192
1024
192-BIT SHIFT REGISTER
WITH 6-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
32
6:32 DECODERS
32
CLK
DATA IN
UPDATE
WE
RESET
32 INPUT
PAIRS
A0
DATA
OUT
32
OUTPUT
PAIRS
A1
A2
SER/PAR
D0 D1 D2 D3 D4
A3
SWITCH
MATRIX
INPUT
RECEIVER
G = +1
AD8117
(AD8118)
D5
A4
VOCM
VNEG
VPOS
DGND
VDD
1
0
x
2
2
(G = +2)
Figure 1. AD8117 G = +1
PRODUCT DESCRIPTION
The AD8117/AD8118 is a high speed 32 × 32 video crosspoint
switch matrix. It offers a 500 MHz bandwidth and slew rate of
1800 V/µs for high resolution computer graphics (RGB) signal
switching. With −75 dB of crosstalk and −100 dB isolation (@
5 MHz), the AD8117 is useful in many high-speed applications.
The 0.1 dB flatness out to 100 MHz makes the AD8117 ideal for
composite video switching.
The AD8117's 32 independent output buffers can be placed into
a high impedance state for paralleling crosspoint outputs so that
off-channels present minimal loading to an output bus. The
AD8117 is available in gain of 1 or 2 (AD8118) for ease of use in
back-terminated load applications. It operates as a fully
differential device or can be configured for single-ended
operation. Either a single +5 V supply, or dual ± 2.5 V supplies
can be used while consuming only 500 mA of idle current with
all outputs enabled. The channel switching is performed via a
double-buffered, serial digital control (which can accommodate
daisy chaining of several devices) or via a parallel control
allowing updating of an individual output without
reprogramming the entire array.
The AD8117/AD8118 is packaged in a 304 Ball BGA package
and is available over the extended industrial temperature range
of −40°C to +85°C.


Similar Part No. - AD8117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8117 AD-AD8117 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
5/16-Rev. A to Rev. B
AD8117-EVAL AD-AD8117-EVAL Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8117-EVAL AD-AD8117-EVAL Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
5/16-Rev. A to Rev. B
AD8117ABPZ AD-AD8117ABPZ Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
More results

Similar Description - AD8117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
32x16 Video Crosspoint Switch
logo
Analog Devices
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
Video Crosspoint Switch
REV. B
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com