Electronic Components Datasheet Search
  English  ▼

X  

AD8117 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8117
Description  Video Crosspoint Switch Video Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8117 Datasheet(HTML) 3 Page - Analog Devices

  AD8117 Datasheet HTML 1Page - Analog Devices AD8117 Datasheet HTML 2Page - Analog Devices AD8117 Datasheet HTML 3Page - Analog Devices AD8117 Datasheet HTML 4Page - Analog Devices AD8117 Datasheet HTML 5Page - Analog Devices AD8117 Datasheet HTML 6Page - Analog Devices AD8117 Datasheet HTML 7Page - Analog Devices AD8117 Datasheet HTML 8Page - Analog Devices AD8117 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Technical Data
AD8117/AD8118
Rev. PrA | Page 3 of 32
AD8117 SPECIFICATIONS
VS = ± 2.5 V at TA = 25°C, G = +1, RL = 100 Ω, Differential I/O mode, unless otherwise noted.
Table 1. AD8117ABPZ
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB bandwidth
200 mV p-p, RL = 100 Ω
>500
MHz
2 V p-p, RL = 100 Ω
>420
MHz
Gain flatness
0.1 dB, 200 mV p-p, RL = 100 Ω
100
MHz
0.1 dB, 2 V p-p, RL = 100 Ω
70
MHz
Propagation delay
2 V p-p, RL =100 Ω
1.3
ns
Settling time
1% , 2 V step, RL = 100 Ω
2.5
ns
Slew rate
2 V Step, RL = 100 Ω, peak
1,800
V/µs
2 V Step, RL = 100 Ω, 10-90%
1,500
V/µs
NOISE/DISTORTION
PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 150 Ω or RL = 1kΩ
0.1
%
Differential Phase Error
NTSC or PAL, RL = 150 Ω or RL = 1kΩ
0.1
Degrees
Crosstalk, all hostile
ƒ = 5 MHz
–75
dB
ƒ = 10 MHz
–70
dB
ƒ = 100 MHz
–50
dB
ƒ = 500 MHz
–40
dB
Off isolation, input-output
ƒ = 10 MHz, RL = 100 Ω, one channel
−100
dB
Input Voltage Noise
0.01 MHz to 50 MHz
45
nV/√Hz
DC PERFORMANCE
Gain Error
RL = 100 Ω or 150 Ω
1
2
%
Gain Matching
No Load, Channel-Channel
0.5
1
%
RL = 100 Ω, Channel-Channel
0.5
1
%
OUTPUT CHARACTERISTICS
Output impedance
DC, Enabled
0.1
Ω
Disabled, differential
30
kΩ
Output disable capacitance
Disabled
2
pF
Output leakage current
Disabled
1
µA
Output voltage range
No Load
2
V p-p
INPUT CHARACTERISTICS
Input offset voltage
Differential
10
mV
Input Voltage Range -
Common Mode
4
V p-p
Input Voltage Range -
Differential Mode
2
V p-p
Common-mode rejection
ratio
ƒ = 10 MHz
–48
dB
Input capacitance
Any switch configuration
2
pF
Input resistance
Differential
5
kΩ
Input bias current
3
µA
SWITCHING CHARACTERISTICS
Enable on time
50% update to 1% settling
200
ns
Switching time, 2 V step
50% settling
20
ns
Switching transient (glitch)
Differential
40
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com