Electronic Components Datasheet Search
  English  ▼

X  

AD8117 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8117
Description  Video Crosspoint Switch Video Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8117 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8117 Datasheet HTML 24Page - Analog Devices AD8117 Datasheet HTML 25Page - Analog Devices AD8117 Datasheet HTML 26Page - Analog Devices AD8117 Datasheet HTML 27Page - Analog Devices AD8117 Datasheet HTML 28Page - Analog Devices AD8117 Datasheet HTML 29Page - Analog Devices AD8117 Datasheet HTML 30Page - Analog Devices AD8117 Datasheet HTML 31Page - Analog Devices AD8117 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Preliminary Technical Data
AD8117/AD8118
Rev. PrA | Page 31 of 32
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-192-BAN-2
WITH THE EXCEPTION TO PACKAGE HEIGHT.
DETAIL A
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
1
3
5
7
9
11
15
17
19
21
23
13
4
6
8
10
12
2
16
18
20
22
14
27.94
BSC SQ
BOTTOM
VIEW
A1 CORNER
INDEX AREA
1.27
BSC
TOP VIEW
31.00
BSC SQ
BALL A1
INDICATOR
0.10 MIN
0.70
0.63
0.56
1.07
0.99
0.92
COPLANARITY
0.20
0.90
0.75
0.60
SEATING
PLANE
BALL DIAMETER
0.25 MIN
(4
×)
DETAIL A
*1.765 MAX
Figure 31. 304-Lead Ball Grid Array, Thermally Enhanced [BGA_ED]
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8117ABPZ
−40°C to +85°C
304-Lead Ball Grid Array Package [BGA_ED] (31 × 31 mm)
SBGA-304
AD8118ABPZ
−40°C to +85°C
304-Lead Ball Grid Array Package [BGA_ED] (31 × 31 mm)
SBGA-304
AD8117-EVAL
AD8117 Evaluation Kit
NOTE: Z suffix denotes lead-free package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com