Electronic Components Datasheet Search
  English  ▼

X  

AD8134 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8134
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134 Datasheet(HTML) 4 Page - Analog Devices

  AD8134 Datasheet HTML 1Page - Analog Devices AD8134 Datasheet HTML 2Page - Analog Devices AD8134 Datasheet HTML 3Page - Analog Devices AD8134 Datasheet HTML 4Page - Analog Devices AD8134 Datasheet HTML 5Page - Analog Devices AD8134 Datasheet HTML 6Page - Analog Devices AD8134 Datasheet HTML 7Page - Analog Devices AD8134 Datasheet HTML 8Page - Analog Devices AD8134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8134
Rev. A | Page 4 of 20
VS+ = 5 V, VS− = 0 V, HSYNC and VSYNC = VS−, RL, dm = 200 Ω @ 25°C, unless otherwise noted. TMIN to TMAX = −40°C to +85°C.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p
400
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p
200
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
50
MHz
Slew Rate
VO = 2 V p-p, 25% to 75%
1400
V/μs
Settling Time to 0.1%
VO = 2 V step
14
ns
Isolation Between Amplifiers
f = 10 MHz, between Amplifier R and
Amplifier G
75
dB
DIFFERENTIAL INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
0 to 5
V
Input Resistance
Differential
1.5
kΩ
Single-ended input
1.13
kΩ
Input Capacitance
Differential
1
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm, ΔVIN, cm = ±1 V
−48
dB
DIFFERENTIAL OUTPUT CHARACTERISTICS
Differential Signal Gain
ΔVOUT, dm/ΔVIN, dm, ΔVIN, dm = ±1 V
1.920
1.955
2.000
V/V
Output Voltage Swing
Each single-ended output
VS− + 1.25
VS+ − 1.15
V
Output Offset Voltage
−24
3
+24
mV
Output Offset Drift
TMIN to TMAX
±30
μV/°C
Output Balance Error
f = 50 MHz
−60
dB
DC
−70
−54
dB
Output Voltage Noise
f = 1 MHz
25
nV/√Hz
Output Short-Circuit Current
90
mA
COMMON-MODE SYNC PERFORMANCE
SYNC DYNAMIC PERFORMANCE
Slew Rate
VOUT, cm = −1 V to +1 V; 25% to 75%
700
V/μs
HSYNC AND VSYNC INPUTS
Input Low Voltage
VS− to 1.10
V
Input High Voltage
1.40 to VS+
V
SYNC LEVEL INPUT
Input Voltage Range
For linear operation
V
Setting to Achieve 0.5 V Pulse Levels
VS− + 0.5
V
Gain to Red Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL
0.97
1.02
1.06
V/V
Gain to Green Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL
1.94
2.03
2.10
V/V
Gain to Blue Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL
0.96
1.02
1.05
V/V
POWER SUPPLY
Operating Range
+4.5
±6
V
Quiescent Current
26.5
27.5
mA
PSRR
−54
−48
dB
OUTPUT PULL-DOWN PERFORMANCE
OPD Input Low Voltage
VS− to VS+ − 3.85
V
OPD Input High Voltage
VS+ − 2.85 to VS+
V
OPD Input Bias Current
63
80
μA
OPD Assert Time
100
ns
OPD De-Assert Time
100
ns
Output Voltage When OPD Asserted
Each output, OPD input @ VS+
VS− + 0.79
VS− + 0.82
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com