Electronic Components Datasheet Search
  English  ▼

X  

AD8134 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8134
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134 Datasheet(HTML) 1 Page - Analog Devices

  AD8134 Datasheet HTML 1Page - Analog Devices AD8134 Datasheet HTML 2Page - Analog Devices AD8134 Datasheet HTML 3Page - Analog Devices AD8134 Datasheet HTML 4Page - Analog Devices AD8134 Datasheet HTML 5Page - Analog Devices AD8134 Datasheet HTML 6Page - Analog Devices AD8134 Datasheet HTML 7Page - Analog Devices AD8134 Datasheet HTML 8Page - Analog Devices AD8134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Triple Differential Driver
With Sync-On-Common-Mode
AD8134
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Triple high speed differential driver
225 MHz, −3 dB large signal bandwidth
450 MHz, −3 dB small signal bandwidth
Easily drives 1.4 V p-p video signal into doubly terminated
100 Ω UTP cable
1600 V/μs slew rate
Fixed internal gain of 2
Internal common-mode feedback network
Output balance error −60 dB @ 50 MHz
On-chip sync-on-common-mode circuitry
Output pull-down feature for line isolation
Differential input and output
Differential-to-differential or single-ended-to-differential
operation
High isolation between amplifiers: 80 dB @ 10 MHz
Low distortion: 64 dB SFDR @ 10 MHz on 5 V supply,
RL, dm = 200 Ω
Low offset: 3 mV typical output-referred on 5 V supply
Low power: 26.5 mA @ 5 V for three drivers and sync circuitry
Wide supply voltage range: +5 V to ±5 V
Available in space-saving packaging: 4 mm × 4 mm LFCSP
APPLICATIONS
Keyboard-video-mouse (KVM) networking
GENERAL DESCRIPTION
The AD8134 is a major advancement beyond using discrete
op amps for driving differential RGB signals over twisted pair
cable. The AD8134 is a triple, low cost differential or single-
ended input to differential output driver, and each amplifier has
a fixed gain of 2 to compensate for the attenuation of the line
termination resistors. The AD8134 is specifically designed for
RGB signals but can be used for any type of analog signals or
high speed data transmission. The AD8134 is capable of driving
either Category 5 (Cat-5) unshielded twisted pair (UTP) cable
or differential printed circuit board transmission lines with
minimal signal degradation.
A unique feature that allows the user to transmit balanced
horizontal and vertical video sync signals over the three
common-mode channels with minimal electromagnetic
interference (EMI) radiation is included on-chip.
The outputs of the AD8134 can be set to a low voltage state that
allows easy differential multiplexing of multiple drivers on the
same twisted pair cable, when used with external series diodes.
FUNCTIONAL BLOCK DIAGRAM
AD8134
OPD
1
VS– 2
–IN R
3
+IN R
4
VS– 5
SYNC LEVEL
VS+ (SYNC)
–IN B
+IN B
VS–
18
17
16
15
14
–OUT R
6
–OUT B
13
24
23
22
21
20
19
7
8
9
10
11
12
×2
R
G
B
Figure 1.
FREQUENCY (MHz)
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
1
10
100
500
VS = +5V
VS = ±5V
ΔV
OUT, dm = 2V p-p
ΔV
OUT, cm/ΔVOUT, dm
Figure 2. Output Balance vs. Frequency
The AD8134 driver is a natural complement to the AD8143,
AD8129, and AD8130 differential receivers.
Manufactured on the Analog Devices next generation XFCB
bipolar process, the AD8134 has a large signal bandwidth of
225 MHz and a slew rate of 1600 V/μs. The AD8134 has an
internal common-mode feedback feature that provides output
gain and phase matching that is balanced to −60 dB at 50 MHz,
suppressing harmonics and reducing radiated EMI.
The AD8134 is available in a 24-lead LFCSP and can operate
over the −40°C to +85°C extended industrial temperature range.


Similar Part No. - AD8134

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-R2 AD-AD8134ACPZ-R2 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-REEL AD-AD8134ACPZ-REEL Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-REEL7 AD-AD8134ACPZ-REEL7 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
More results

Similar Description - AD8134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
October 26, 2005
ISL59311 INTERSIL-ISL59311 Datasheet
387Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 4, 2007
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
ISL59311_0704 INTERSIL-ISL59311_0704 Datasheet
388Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Analog Devices
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com