Electronic Components Datasheet Search
  English  ▼

X  

AD8134 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8134
Description  Triple Differential Driver With Sync-On-Common-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8134 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8134 Datasheet HTML 5Page - Analog Devices AD8134 Datasheet HTML 6Page - Analog Devices AD8134 Datasheet HTML 7Page - Analog Devices AD8134 Datasheet HTML 8Page - Analog Devices AD8134 Datasheet HTML 9Page - Analog Devices AD8134 Datasheet HTML 10Page - Analog Devices AD8134 Datasheet HTML 11Page - Analog Devices AD8134 Datasheet HTML 12Page - Analog Devices AD8134 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8134
Rev. A | Page 9 of 20
VOUTN
VON
OUTPUT
PULL-DOWN
2
1
0
–4
–3
–2
–1
–5
100ns/DIV
RL, dm = ∞
SINGLE-ENDED OUTPUT
Figure 18. Output Pull-Down Response
FREQUENCY (Hz)
1000
100
10
10
100
1k
10k
100k
1M
10M
100M
Figure 19. Output-Referred Voltage Noise vs. Frequency
FREQUENCY (MHz)
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
1
10
100
500
VS = +5V
VS = ±5V
ΔV
OUT, dm = 2V p-p
ΔV
OUT, cm/ΔVOUT, dm
Figure 20. Output Balance vs. Frequency
FREQUENCY (MHz)
–30
–35
–40
–45
–50
–55
–60
–65
1
10
100
1000
VS = ±5V
VS = +5V
ΔV
OUT, dm/ΔVIN, cm
ΔV
IN, cm = 200mV p-p
Figure 21. Common-Mode Rejection Ratio vs. Frequency
FREQUENCY (MHz)
10
–10
0
–30
–20
–50
–40
–60
–70
0.1
1
10
100
1000
PSRR–
PSRR+
ΔV
OUT, dm/ΔVS
Figure 22. Power Supply Rejection Ratio vs. Frequency
FREQUENCY (MHz)
–40
–60
–50
–70
–80
–90
–110
–100
1
10
100
1000
VIN, dm = 2V p-p
VIN, dm = 200mV p-p
RED TO GREEN
ΔV
OUT, dm G/ΔVIN, dm R
Figure 23. Amplifier-to-Amplifier Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com