Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8224 Datasheet HTML 8Page - Analog Devices AD8224 Datasheet HTML 9Page - Analog Devices AD8224 Datasheet HTML 10Page - Analog Devices AD8224 Datasheet HTML 11Page - Analog Devices AD8224 Datasheet HTML 12Page - Analog Devices AD8224 Datasheet HTML 13Page - Analog Devices AD8224 Datasheet HTML 14Page - Analog Devices AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
AD8224
Preliminary Technical Data
150
1s/DIV
5µV/DIV
BANDWIDTH
LIMITED
GAIN = +1
GAIN = +10
GAIN = +100
GAIN = +1000
130
110
90
70
50
30
10
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 10. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
Figure 13. Positive PSRR vs. Frequency, RTI
150
130
1s/DIV
1µV/DIV
GAIN = +1
GAIN = +10
GAIN = +100
GAIN = +1000
110
90
70
50
30
10
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 11. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)
Figure 14. Negative PSRR vs. Frequency, RTI
8
0.1
1k
7
INPUT OFFSET
CURRENT ±5
–15.1V
–5.1V
INPUT OFFSET
CURRENT ±15
INPUT BIAS
CURRENT ±15
INPUT BIAS
CURRENT ±5
9
7
6
5
5
4
–0.1
3
–0.2
3
2
–0.3
–0.4
–1
–0.5
1
1
0
–16
–12
–8
–4
0
4
8
12
16
1
10
100
COMMON-MODE VOLTAGE (V)
TIME (s)
Figure 12. Change in Input Offset Voltage vs. Warmup Time
Figure 15. Input Current vs. Common-Mode Voltage
Rev. PrB | Page 12 of 27
0
0.1
0.2
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com