Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8224 Datasheet HTML 11Page - Analog Devices AD8224 Datasheet HTML 12Page - Analog Devices AD8224 Datasheet HTML 13Page - Analog Devices AD8224 Datasheet HTML 14Page - Analog Devices AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices AD8224 Datasheet HTML 17Page - Analog Devices AD8224 Datasheet HTML 18Page - Analog Devices AD8224 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Preliminary Technical Data
AD8224
18
VS+
–1
12
±15V SUPPLIES
+13V
–14.9V, +5.4V
+3V
+14.9V, +5.4V
–4.9V, +0.4V
+4.9V, +0.5V
±5V SUPPLIES
–4.9V, –4.1V
+4.9V, –4.1V
–14.8V, –9V
–5.3V
+14.9V, –9V
–15.3V
–40°C
+25°C
+85°C
+125°C
+125
+8
°C
+2
5°C
5°C
–40°C
–2
–3
–4
+4
+3
+2
6
0
–6
–12
+1
VS–
–18
–16
–12
–8
–4
0
4
8
12
16
OUTPUT VOLTAGE (V)
2
4
6
8
10
12
14
16
18
DUAL SUPPLY VOLTAGE (±V)
Figure 28. Input Common-Mode Voltage Range vs. Output Voltage,
Figure 31. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ, G = 10,
G = 100, VREF = 0 V
VREF = 0 V
4
VS+
–0.2
+3V
+0.1V, +1.7V
+5V SINGLE SU
+4.9
PPLY,
V, +1.7V
VREF = +2.5V
+0.1V, –0.5V
–0.3V
+4.9V, –0.5V
+85°C
+125°C
+25°C
–40°C
–40°C
+25°C
+85°C
+125°C
3
–0.4
2
1
0
+0.4
+0.2
VS–
–1
–1
0
1
2
3
4
5
6
OUTPUT VOLTAGE (V)
2
4
6
8
10
12
14
16
18
DUAL SUPPLY VOLTAGE (±V)
Figure 29. Input Common-Mode Voltage Range vs. Output Voltage,
Figure 32. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ, G = 10,
G = 100, VS = +5 V, VREF = 2.5 V
VREF = 0 V
15
VS+
–40°C
+125°C
NOT
1. T
T
W
H
H
ES
E AD82
E NEGATIVE S
ILL INCREASE
24 CAN
+25°
OPERA
UPPLY,
SHARPL
C
+8
BUT TH
TE UP T
Y.
5°C
O A VBE
E BIAS
BELOW
CURRENT
–40°
+25
C
°C +85°C +125°C
+25°C
–40°C
+25°C
–40°C
+125°C
+85°C
+125°C
+85°C
–1
–2
10
5
0
–5
+1
–10
VS–
–1
–15
2
4
6
8
10
12
14
16
18
VOLTAGE SUPPLY (V)
100
1k
10k
RLOAD (Ω)
Figure 30. Input Voltage Limit vs. Supply Voltage, G = 1, VREF =0 V
Figure 33. Output Voltage Swing vs. Load Resistance VS = ±15 V, VREF = 0 V
Rev. PrB | Page 15 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com