Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices AD8224 Datasheet HTML 17Page - Analog Devices AD8224 Datasheet HTML 18Page - Analog Devices AD8224 Datasheet HTML 19Page - Analog Devices AD8224 Datasheet HTML 20Page - Analog Devices AD8224 Datasheet HTML 21Page - Analog Devices AD8224 Datasheet HTML 22Page - Analog Devices AD8224 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Preliminary Technical Data
AD8224
15
60
SETTL
SETTLED T
ED TO 0.001%
O 0.01%
GAIN = +1000
+100
GAIN =
+10
GAIN =
+1
GAIN =
40
10
20
0
5
–20
0
–40
0
5
10
15
20
OUTPUT VOLTAGE STEP SIZE (V)
Figure 52. Settling Time vs. Step Size (G = 1) ±15 V, VREF = 0 V
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 55. Differential Output Configuration: Gain vs. Frequency
100
100
90
80
70
.001%
SETTLED TO 0
SETTLED TO 0.01%
CMROUT = 20 log
VDIFF_OUT
ME
LIMITED BY
ASUREMENT
SYSTEM
VCM_OUT
60
50
40
30
20
10
0
10
1
1
10
100
1000
GAIN (V/V)
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 53. Settling Time vs. Gain for a 10 V Step, VS = ±15 V, VREF = 0 V
Figure 56. Differential Output Configuration:
Common-Mode Output vs. Frequency
Figure 54 Channel Separation vs. Frequency, RL = 2 kΩ, Source Channel at G = 1
Rev. PrB | Page 19 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com