Electronic Components Datasheet Search
  English  ▼

X  

AD8333 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8333
Description  DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8333 Datasheet(HTML) 1 Page - Analog Devices

  AD8333 Datasheet HTML 1Page - Analog Devices AD8333 Datasheet HTML 2Page - Analog Devices AD8333 Datasheet HTML 3Page - Analog Devices AD8333 Datasheet HTML 4Page - Analog Devices AD8333 Datasheet HTML 5Page - Analog Devices AD8333 Datasheet HTML 6Page - Analog Devices AD8333 Datasheet HTML 7Page - Analog Devices AD8333 Datasheet HTML 8Page - Analog Devices AD8333 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DC to 50 MHz,
Dual I/Q Demodulator and Phase Shifter
AD8333
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual integrated I/Q demodulator
16 phase select on each output (22.5° per step)
Quadrature demodulation accuracy
Phase accuracy: ±0.1°
Amplitude balance: ±0.05 dB
Bandwidth
4 LO: 100 kHz to 200 MHz
RF: dc to 50 MHz
Baseband: determined by external filtering
Output dynamic range: 161 dB/Hz
LO drive > 0 dBm (50 Ω); 4 LO > 1 MHz
Supply: ±5 V
Power consumption: 190 mW/channel (380 mW total)
Power down
APPLICATIONS
Medical imaging (CW ultrasound beamforming)
Phased array systems (radar and adaptive antennas)
Communication receivers
FUNCTIONAL BLOCK DIAGRAM
90°
0°
90°
0°
Φ
Φ
Φ
Φ
I1
Q1
Q2
I2
CH1
PHASE
SELECT
CH2
PHASE
SELECT
+
+
–
–
LOC
OSC
÷4
AD8333
CH1
RF
CH2
RF
Figure 1.
GENERAL DESCRIPTION
The AD8333 is a dual-phase shifter and I/Q demodulator that
enables coherent summing and phase alignment of multiple
analog data channels. It is the first solid-state device suitable for
beamformer circuits, such as those used in high performance
medical ultrasound equipment featuring CW Doppler. The RF
inputs interface directly with the outputs of the dual-channel,
low noise preamplifiers included in the AD8332.
A divide-by-four circuit generates the internal 0° and 90° phases
of the LO that drive the mixers of a pair of matched I/Q
demodulators.
The AD8333 can be applied as a major element in analog
beamformer circuits in medical ultrasound equipment.
The AD8333 features an asynchronous reset pin. When used in
arrays, the reset pin sets all the LO dividers in the same state.
Sixteen discrete phase rotations in 22.5° increments can be
selected independently for each channel. For example, if CH1 is
used as a reference and the RF signal applied to CH2 has an I/Q
phase lead of 45°, then the user can phase align CH2 with CH1
by choosing the correct code.
Phase shift is defined by the output of one channel relative to
another. For example, if the code of Channel 1 is adjusted to
0000 and that of Channel 2 to 0001 and the same signal is
applied to both RF inputs, the output of Channel 2 leads that
of Channel 1 by 22.5°.
The I and Q outputs are provided as currents to facilitate
summation. The summed current outputs are converted to
voltages by a high dynamic-range, current-to-voltage (I-V)
converter, such as the AD8021, configured as a transimpedance
amplifier. The resultant signal is then applied to a high resolution
ADC, such as the AD7665 (16 bit/570 kSPS).
The two I/Q demodulators can be used independently in other
nonbeamforming applications. In that case, a transimpedance
amplifier is needed for each of the I and Q outputs, four in total
for the dual I/Q demodulator.
The dynamic range is 161 dB/Hz at each I and Q output, but the
following transimpedance amplifier is an important element in
maintaining the overall dynamic range, and attention needs to
be paid to optimal component selection and design.
The AD8333 is available in a 32-lead LFCSP (5 mm × 5 mm)
package for the industrial temperature range of −40°C to +85°C.


Similar Part No. - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
More results

Similar Description - AD8333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
E-Series I/Q Demodulator 70 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com