Electronic Components Datasheet Search
  English  ▼

X  

AD8333 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8333
Description  DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8333 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8333 Datasheet HTML 17Page - Analog Devices AD8333 Datasheet HTML 18Page - Analog Devices AD8333 Datasheet HTML 19Page - Analog Devices AD8333 Datasheet HTML 20Page - Analog Devices AD8333 Datasheet HTML 21Page - Analog Devices AD8333 Datasheet HTML 22Page - Analog Devices AD8333 Datasheet HTML 23Page - Analog Devices AD8333 Datasheet HTML 24Page - Analog Devices AD8333 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8333
Rev. A | Page 21 of 28
As previously noted, a typical CW signal has a large dc and
very low frequency component compared to its desired low CW
Doppler baseband frequency, and another unwanted component
at the 2 × LO. The dc component flows through the gain resistors
R1x, while the 2 × LO flows through the capacitors C1x. The
smaller desired CW Doppler baseband signal is in the frequency
range of 1 kHz to 50 kHz.
Because the output current of the AD8333 contains the baseband
frequency, a dc component, and the 2 × LO frequency voltages,
the desired small amplitude baseband signal must be extracted
after a series of filters. These are shown in Figure 55 as LPFn,
HPFn, and gain stages.
Before establishing the value of CLPF1, the resistor RLPF1 is
selected based on the peak operating current and the linear
range of the op amp. Because the peak current for each AD8333
is 6.6 mA and there are eight channels to be summed, the total
peak current required is 52.8 mA. Approximately half of this
current is dc and the other half at a frequency of 2 × LO. Therefore,
about 26.4 mA flows through the resistor while the remaining
26.4 mA flows through the capacitor. Resistor R1 was selected
as 100 Ω and, after filtering, generates a peak dc and very low
frequency voltage of 2.64 V at the AD8021 output. For power
supplies of ±5 V, 100 Ω is a good choice for R1.
However, because the CW signal needs to be amplified as
much as possible, and the noise degradation of the signal path
minimized, the value of R1 should be as large as possible. A
larger supply helps in this regard, and the only factor limiting
the largest supply voltage is the required power.
For a ±10 V supply on the AD8021, R1 can be increased to
301 Ω and realize the same headroom as with a ±5 V supply. If a
higher value of R1 is used, C1 must be adjusted accordingly (in
this example 1/3 the value of the original value) to maintain the
desired LPF roll-off. The principal advantage of a higher supply
is greater dynamic range, and the trade-off is power consumption.
The user must weigh the trade-offs associated with the supply
voltage, R1, C1, and the following circuitry. A suggested design
sequence is:
• Select a low noise, high speed op amp. The spectral density
noise (en) should be <2nV/√Hz and the 3 dB BW ≥ 3 × the
expected maximum 2 × LO frequency.
• Divide the maximum linear output current by 6.6 mA to
determine the maximum number of AD8333 channels that
can be summed.
• Select the largest value of R1 that permits the output voltage
swing within the power supply rails.
• Calculate the value of C1 to implement the LPF corner that
allows the CW Doppler signal to pass with maximum
attenuation of the 2 × LO signal.
The filter LPF1 establishes the upper frequency limit of the
baseband frequency and is selected well below the 2 × LO
frequency, typically 100 kHz or less, or, as an example, 88 kHz
as shown in Figure 55.
A useful equation for calculating C1 is
1
1
2
1
1
LPF
f
R
C
π
=
(1)
As previously mentioned, the AD8333 output current contains a
dc current component. This dc component is converted to a
large dc voltage by the AD8021 LPF. Capacitor C2 filters this dc
component and, with R2 + R3, establishes a high-pass filter with
a low frequency cutoff of about 100 Hz. Capacitor C3 is much
smaller than C2 and, consequently, can be neglected. C2 can be
calculated by
1
)
3
2
(
2
1
2
HPF
f
R
R
C
+
π
=
(2)
To achieve maximum attenuation of the 2 × LO frequency, a
second low-pass filter, LPF2, is established using the parallel
combination of R2 and R3, and C3. Its −3 dB frequency is simply
() 3
3
||
2
2
1
2
C
R
R
f
LPF
π
=
(3)
In the example shown in Figure 55, fLPF2 = 81 kHz.
Finally, the feedback resistor of the AD797 must be calculated.
This is a function of the input current (number of channels)
and the supply voltage.
The second-order summing amplifier requires a very low noise
op amp, such as the AD797, with 0.9 nV/√Hz, because the
amplifier gain is determined by Feedback Resistor R4 divided
by the parallel combination of the LPF2 resistors seen looking
back toward the AD8021s. Referring to Figure 55, the AD797
inband (100 Hz to 88 kHz) gain is expressed as
[
])
(
||
)
(
R2B
R2B
R3A
R2A
R4
+
+
(4)
The AD797 noise gain can increase to unacceptable levels,
because the denominator of the gain equation is the parallel
resistance of all the R2 + R3 resistors in the AD8021 outputs.
For example, for a 64-channel beamformer, the resistance seen
looking back toward the AD8021s is about 1.4 kΩ/8 = 175 Ω.
For this reason, the value of (R2x + R3x) should be as large as
possible to minimize the noise gain of the AD797. (Note that
this is the case for the AD8021 stages because they look back
into the high impedance current sources of the AD8333s.)
Due to these considerations, it is advantageous to increase the
gain of the AD8021s as much as possible, because the value of
(R2x + R3x) can be increased proportionally. Resistors (R2x +
R3x) convert the CW voltages to currents that are summed at
the inverting inputs of the AD797 op amp and amplified and
converted to voltages by R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com