Electronic Components Datasheet Search
  English  ▼

X  

AD8385ASVZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 8Page - Analog Devices AD8385ASVZ Datasheet HTML 9Page - Analog Devices AD8385ASVZ Datasheet HTML 10Page - Analog Devices AD8385ASVZ Datasheet HTML 11Page - Analog Devices AD8385ASVZ Datasheet HTML 12Page - Analog Devices AD8385ASVZ Datasheet HTML 13Page - Analog Devices AD8385ASVZ Datasheet HTML 14Page - Analog Devices AD8385ASVZ Datasheet HTML 15Page - Analog Devices AD8385ASVZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8385
Rev. 0 | Page 12 of 24
CLK
DB(0:9)
STSQ
XFR
VTH
tr
tr
t8
t7
t2
t1
t1
VTH
VTH
VTH
t4
t3
t6
t5
t2
Figure 5. Input Timing
CLK
STSQ
XFR
INV
VID(0:11)
V2
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
2
3
5
6
7
8
9 10 11 12 13 14 15
4
V2+VFS
DB(0:9)
50%
PIXELS –12, –11, –10, –9, –8, –7, –6, –5, –4, –3, –2, –1
V1
V1–VFS
t10
t9
t9
t27 MIN
t27 MAX
PIXELS 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11
Figure 6. Output Timing (R/L = Low)
Table 9.
Parameter
Conditions
Min
Typ
Max
Unit
t1
Data Setup Time
Input tr, tf = 2 ns
0
ns
t2
Data Hold Time
3
ns
t3
STSQ Setup Time
0
ns
t4
STSQ Hold Time
3
ns
t5
XFR Setup Time
0
ns
t6
XFR Hold Time
3
ns
t7
CLK High Time
3
ns
t8
CLK Low Time
2.5
ns
t9
Data Switching Delay
10
12
14
ns
t10
Invert Switching Delay
13
15
17
ns
t27
INV to CLK Setup Time
0.5/fCLK
5.5/fCLK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com