Electronic Components Datasheet Search
  English  ▼

X  

AD8385ASVZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 10Page - Analog Devices AD8385ASVZ Datasheet HTML 11Page - Analog Devices AD8385ASVZ Datasheet HTML 12Page - Analog Devices AD8385ASVZ Datasheet HTML 13Page - Analog Devices AD8385ASVZ Datasheet HTML 14Page - Analog Devices AD8385ASVZ Datasheet HTML 15Page - Analog Devices AD8385ASVZ Datasheet HTML 16Page - Analog Devices AD8385ASVZ Datasheet HTML 17Page - Analog Devices AD8385ASVZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8385
Rev. 0 | Page 14 of 24
LEVEL SHIFTING EDGE DETECTOR
MONITI
MONITO
S
R
Figure 10. Level Shifting Edge Detector Block Diagram
MONITO
MONITI
AGND
AVCC
VOL
VOH
t19
t20
Figure 11. Level Shifting Edge Detector Timing
Table 11. Level Shifting Edge Detector, AVCC = 15.5 V, DVCC = 3.3 V, CL = 10 pF, TA MIN = 25°C, TA MAX = 85°C
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
AGND
AGND + 0.75
V
VIH
Input High Voltage
AVCC – 0.7
AVCC
V
VTH LH
Input Rising Edge Threshold Voltage
AGND + 1
V
VTH HL
Input Falling Edge Threshold Voltage
AVCC – 1
V
VOH
Output High Voltage
DVCC – 0.25
V
VOL
Output Low Voltage
0.25
V
IIH
Input Current High State
1.2
2.5
µA
IIL
Input Current Low State
–2.5
–1.2
µA
t19
Input Rising Edge Propagation Delay Time
16
ns
∆t19
t19 Variation with Temperature
2
ns
t20
Input Falling Edge Propagation Delay Time
12
ns
∆t20
t20 Variation with Temperature
2
ns
tr
Output Rise Time
5
ns
tf
Output Fall Time
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com