Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB3 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB41AB3 Datasheet HTML 35Page - Texas Instruments TSB41AB3 Datasheet HTML 36Page - Texas Instruments TSB41AB3 Datasheet HTML 37Page - Texas Instruments TSB41AB3 Datasheet HTML 38Page - Texas Instruments TSB41AB3 Datasheet HTML 39Page - Texas Instruments TSB41AB3 Datasheet HTML 40Page - Texas Instruments TSB41AB3 Datasheet HTML 41Page - Texas Instruments TSB41AB3 Datasheet HTML 42Page - Texas Instruments TSB41AB3 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit
When the LLC issues a bus request through the LREQ terminal, the PHY arbitrates to gain control of the bus.
If the PHY wins arbitration for the serial bus, the PHY-LLC interface bus is granted to the LLC by asserting the
grant state (11b) on the CTL terminals for one SYSCLK cycle, followed by idle for one clock cycle. The LLC then
takes control of the bus by asserting either idle (00b), hold (01b) or transmit (10b) on the CTL terminals. Unless
the LLC is immediately releasing the interface, the LLC may assert the idle state for at most one clock before
it must assert either hold or transmit on the CTL terminals. The hold state is used by the LLC to retain control
of the bus while it prepares data for transmission. The LLC may assert hold for zero or more clock cycles (i.e.,
the LLC need not assert hold before transmit). The PHY asserts data-prefix on the serial bus during this time.
When the LLC is ready to send data, the LLC asserts transmit on the CTL terminals as well as sending the first
bits of packet data on the D lines. The transmit state is held on the CTL terminals until the last bits of data have
been sent. The LLC then asserts either hold or idle on the CTL terminals for one clock cycle, and then asserts
idle for one additional cycle before releasing the interface bus and putting the CTL and D terminals in a
high-impedance state. The PHY then regains control of the interface bus.
The hold state asserted at the end of packet transmission indicates to the PHY that the LLC requests to send
another packet (concatenated packet) without releasing the serial bus. The PHY responds to this concatenation
request by waiting the required minimum packet separation time and then asserting grant as before. This
function may be used to send a unified response after sending an acknowledge, or to send consecutive
isochronous packets during a single isochronous period. Unless multispeed concatenation is enabled, all
packets transmitted during a single bus ownership must be of the same speed (since the speed of the packet
is set before the first packet). If multispeed concatenation is enabled (when the EMSC bit of PHY register 5 is
set), the LLC must specify the speed code of the next concatenated packet on the D terminals when it asserts
hold on the CTL terminals at the end of a packet. The encoding for this speed code is the same as the speed
code that precedes received packet data as given in Table 20.
After sending the last packet for the current bus ownership, the LLC releases the bus by asserting idle on the
CTL terminals for two clock cycles. The PHY begins asserting idle on the CTL terminals one clock after sampling
idle from the link. Note that whenever the D and CTL terminals change direction between the PHY and the LLC,
there is an extra clock period allowed so that both sides of the interface can operate on registered versions of
the interface signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com