Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB3 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSB41AB3 Datasheet HTML 25Page - Texas Instruments TSB41AB3 Datasheet HTML 26Page - Texas Instruments TSB41AB3 Datasheet HTML 27Page - Texas Instruments TSB41AB3 Datasheet HTML 28Page - Texas Instruments TSB41AB3 Datasheet HTML 29Page - Texas Instruments TSB41AB3 Datasheet HTML 30Page - Texas Instruments TSB41AB3 Datasheet HTML 31Page - Texas Instruments TSB41AB3 Datasheet HTML 32Page - Texas Instruments TSB41AB3 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
crystal selection (continued)
C10
X1
C9
Figure 12. Recommended Crystal and Capacitor Layout
It is strongly recommended that part of the verification process for the design be to measure the frequency of
the SYSCLK output of the PHY. This must be done with a frequency counter with an accuracy of six digits or
better. If the SYSCLK frequency is more than the crystal’s tolerance from 49.152 MHz, the load capacitance
of the crystal may be varied to improve frequency accuracy. If the frequency is too high, add more load
capacitance; if the frequency is too low, decrease load capacitance. Typically, changes are done to both load
capacitors (C9 and C10 in Figure 12) at the same time, and both must be of the same value. Additional design
details and requirements may be provided by the crystal vendor.
bus reset
In the TSB41AB3, the initiate bus reset (IBR) bit may be set to 1 in order to initiate a bus reset and initialization
sequence. The IBR bit, the root-holdoff (RHB) bit, and the gap-count register are located in PHY register 1 as
required by the 1394a-2000 Supplement (this configuration also maintains compatibility with older TI PHY
designs which were based upon the suggested register set defined in Annex J of IEEE Std 1394-1995).
Therefore, whenever the IBR bit is written, the RHB bit and gap-count are also necessarily written.
The RHB bit and gap-count may also be updated by PHY-config packets. The TSB41AB3 is 1394a-2000
compliant, and therefore both the reception and transmission of PHY-config packets cause the RHB and
gap-count to be loaded, unlike older IEEE Std 1394-1995 compliant PHYs which decode only received
PHY-config packets.
The gap-count is set to the maximum value of 63 after two consecutive bus resets without an intervening write
to the gap-count, either by a write to PHY register 1 or by a PHY-config packet. This mechanism allows a
PHY-config packet to be transmitted and then a bus reset initiated so as to verify that all nodes on the bus have
updated their RHB bits and gap-count values, without having the gap-count set back to 63 by the bus reset. The
subsequent connection of a new node to the bus, which initiates a bus reset, then causes the gap-count of each
node to be set to 63. Note, however, that if a subsequent bus reset is instead initiated by a write to register 1
to set the IBR bit, all other nodes on the bus have their gap-count values set to 63, while this node’s gap-count
remains set to the value just loaded by the write to PHY register 1.
Therefore, in order to maintain consistent gap-counts throughout the bus, the following rules apply to the use
of the IBR bit, RHB bit, and gap-count in PHY register 1:
D Following the transmission of a PHY-config packet, a bus reset must be initiated in order to verify that all
nodes have correctly updated their RHB bits and gap-count values and to ensure that a subsequent new
connection to the bus causes the gap-count to be set to 63 on all nodes in the bus. If this bus reset is initiated
by setting the IBR bit to 1, the RHB bit and gap-count register must also be loaded with the correct values
consistent with the just transmitted PHY-config packet. In the TSB41AB3, the RHB bit and gap-count is
updated to their correct values upon the transmission of the PHY-config packet, and so these values may
first be read from register 1 and then rewritten.
D Other than to initiate the bus reset, which must follow the transmission of a PHY-config packet, whenever
the IBR bit is set to 1 in order to initiate a bus reset, the gap-count value must also be set to 63 to be
consistent with other nodes on the bus. The RHB bit must be maintained with its current value.
D The PHY register 1 is not written to except to set the IBR bit. The RHB bit and gap-count are not written
without also setting the IBR bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com