Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB3 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41AB3 Datasheet HTML 9Page - Texas Instruments TSB41AB3 Datasheet HTML 10Page - Texas Instruments TSB41AB3 Datasheet HTML 11Page - Texas Instruments TSB41AB3 Datasheet HTML 12Page - Texas Instruments TSB41AB3 Datasheet HTML 13Page - Texas Instruments TSB41AB3 Datasheet HTML 14Page - Texas Instruments TSB41AB3 Datasheet HTML 15Page - Texas Instruments TSB41AB3 Datasheet HTML 16Page - Texas Instruments TSB41AB3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise noted)
(continued)
device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
See Note 2
115
IDD
Supply current
See Note 3
97
mA
IDD
Supply current
See Note 4
75
mA
IDD(ULP) Supply current—ultralow power mode
VDD = 3.3 V,
TA = 25°C,
Ports disabled,
PD = 0 V,
LPS = 0 V
150
µA
V(TH)
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
VOH
High-level output voltage, CTL0, CTL1,
VDD = 2.7 V,
IOH = −4 mA
2.2
V
VOH
High-level output voltage, CTL0, CTL1,
D0−D7, CNA, C/LKON, SYSCLK outputs
VDD = 3 V to 3.6 V, IOH = −4 mA
2.8
V
VOL
Low-level output voltage, CTL0, CTL1,
D0−D7, CNA, C/LKON, SYSCLK outputs
IOL = 4 mA
0.4
V
VOH(AJ)
High-level Annex J output voltage, CTL0,
CTL1, D0−D7, C/LKON, SYSCLK outputs
Annex J: IOH = −9 mA,
ISO = 0 V,
VDD_5V = VDD
VDD ≥ 3 V
VDD−0.4
V
VOL(AJ)
Low-level Annex J output voltage, CTL0,
CTL1, D0−D7, C/LKON, SYSCLK outputs
Annex J: IOL = 9 mA,
ISO = 0 V,
VDD_5V = VDD
VDD ≥ 3 V
0.4
V
I(BH+)
Positive peak bus holder current, D0−D7,
CTL0−CTL1, LREQ
ISO = 3.6 V,
VDD = 3.6 V,
VI = 0 V to VDD,VDD_5V = VDD
0.05
1
mA
I(BH−)
Negative peak bus holder current, D0−D7,
CTL0−CTL1, LREQ
ISO = 3.6 V,
VDD = 3.6 V,
VI = 0 V to VDD,VDD_5V = VDD
−1.0
−0.05
mA
II
Input current, LREQ, LPS, PD, TESTM,
SM, SE, PC0–PC2 inputs
ISO = 0 V, VDD = 3.6 V
1
µA
IOZ
Off-state output current, CTL0, CTL1,
D0–D7, C/LKON I/O’s
VO = VDD or 0 V
±5
µA
I(IRST)
Pullup current, RESET input
VI = 1.5 V or 0 V
−90
−20
µA
VIT+
Positive input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
VDD_5V = VDD, ISO = 0 V
VDD ≥ 3 V
VDD/2+0.3
VDD/2+0.9
V
VIT+
Positive input threshold voltage, LPS inputs
VDD_5V = VDD, ISO = 0 V,
Vref = VDD × 0.4, VDD ≥ 3 V
Vref+1
V
VIT−
Negative input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
ISO = 0 V,
VDD_5V = VDD
VDD ≥ 3 V
VDD/2−0.9
VDD/2−0.3
V
VIT−
Negative input threshold voltage, LPS
inputs
ISO = 0 V,
VDD_5V = VDD,
Vref = VDD × 0.4, VDD ≥ 3 V
Vref+0.2
V
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
† Measured at cable power side of resistor.
‡ This parameter applicable only when ISO is low.
NOTES:
2. Transmit max packet (three ports transmitting max size isochronous packet—4096 bytes, sent on every isochronous interval, s400,
data value of 0xCCCCCCCCh), VDD = 3.3 V, TA = 25°C
3. Repeat typical packet (one port receiving DV packets on every isochronous interval, two ports repeating the packet, s100), VDD =
3.3 V, TA = 25°C
4. Idle (three ports transmitting cycle starts), VDD = 3.3 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com