Electronic Components Datasheet Search
  English  ▼

X  

AM4222 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # AM4222
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM4222 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  AM4222 Datasheet HTML 1Page - WOLFSPEED, INC. AM4222 Datasheet HTML 2Page - WOLFSPEED, INC. AM4222 Datasheet HTML 3Page - WOLFSPEED, INC. AM4222 Datasheet HTML 4Page - WOLFSPEED, INC. AM4222 Datasheet HTML 5Page - WOLFSPEED, INC. AM4222 Datasheet HTML 6Page - WOLFSPEED, INC. AM4222 Datasheet HTML 7Page - WOLFSPEED, INC. AM4222 Datasheet HTML 8Page - WOLFSPEED, INC. AM4222 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
2/10
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 24V, VREF = 5V, IREF = 1mA (unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range
VCC
635
V
Quiescent Current
ICC
Tamb = – 40...+85°C, IREF = 0mA
1.5
mA
Temperature Specifications
Operating
Tamb
–40
85
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
DIL8 plastic package
110
°C/W
Θja
SO8 plastic package
180
°C/W
Voltage Reference
Voltage
VREF
VSET not connected
4.75
5.00
5.25
V
VREF
VSET = GND, VCC
≥ 11V
9.5
10.0
10.5
V
Trim Range
VR10
4.5
VR10
V
Current
IREF*0
10
mA
VREF vs. Temperature
dVREF/dTTamb = – 40...+85°C
±
90
±
140
ppm/°C
Line Regulation
dVREF/dVVCC = 6V...35V
30
80
ppm/V
dVREF/dV
VCC = 6V...35V, IREF
≈ 5mA
60
150
ppm/V
Load Regulation
dVREF/dI
0.05
0.10
%/mA
dVREF/dI
IREF
≈ 5mA
0.06
0.15
%/mA
Load Capacitance
CL
1.9
2.2
5.0
µF
Set Stage
Internal Gain
GIA
1
Input Voltage
VSET
ISET = 4mA, R0 = 25
Ω
2.6
V
Offset Voltage
VOS
±
1
±
3mV
VOS vs. Temperature
dVOS/dT
±
5µV/°C
Input Bias Current
IB
820
nA
IB vs. Temperature
dIB/dT
615
pA/°C
Input Stage
Internal Gain
GIN
0.5
Input Voltage
VIN
01.15
V
Offset Voltage
VOS
±
0.5
±
2.5
mV
VOS vs. Temperature
dVOS/dT
±
1.6
±
5µV/°C
Input Bias Current
IB
820
nA
IB vs. Temperature
dIB/dT
718
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com