Electronic Components Datasheet Search
  English  ▼

X  

AM4222 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM4222
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM4222 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button AM4222 Datasheet HTML 2Page - WOLFSPEED, INC. AM4222 Datasheet HTML 3Page - WOLFSPEED, INC. AM4222 Datasheet HTML 4Page - WOLFSPEED, INC. AM4222 Datasheet HTML 5Page - WOLFSPEED, INC. AM4222 Datasheet HTML 6Page - WOLFSPEED, INC. AM4222 Datasheet HTML 7Page - WOLFSPEED, INC. AM4222 Datasheet HTML 8Page - WOLFSPEED, INC. AM4222 Datasheet HTML 9Page - WOLFSPEED, INC. AM4222 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
6/10
the input voltage VIN has to change to
∆∆
VV
R
RR
PIN
IN
4
2
12
=
+
(8)
With the value of the relationship of the resistors R1 and R2
R
R
VV
V
IN
PIN
PIN
1
2
4
4
=
−
∆∆
∆
(9)
the additional offset current can be calculated as
II
I
I
V
R
R
RR
SET
OUTmin
INmin
OUTmin
INmin
=−
=−
+
2
0
2
12
(10)
The value of the set resistor can then be found using equation 4
In respect to the load resistor RL, the value of the supply voltage VS has to be considered with care.
The following relation is generally valid (see equation 1):
VI
R
V
S
OUTmax
L
CCmin
≥+
.
(11)
The resulting operating range is indicated in Figure 4. Sample calculations and typical values for the
external components are listed in the Application Notes (beginning page 8).
V
S [V]
R
L [Ω]
6
35
V
CCmin
= 6V
R
Lmax
= 500
Ω
I
OUTmax = 20mA
16
R
VV
I
L
SCCmin
OUTmax
≤
−
24
12
500
Operating Area
0
300
0
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com