Electronic Components Datasheet Search
  English  ▼

X  

AM4222 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AM4222
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM4222 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AM4222 Datasheet HTML 1Page - WOLFSPEED, INC. AM4222 Datasheet HTML 2Page - WOLFSPEED, INC. AM4222 Datasheet HTML 3Page - WOLFSPEED, INC. AM4222 Datasheet HTML 4Page - WOLFSPEED, INC. AM4222 Datasheet HTML 5Page - WOLFSPEED, INC. AM4222 Datasheet HTML 6Page - WOLFSPEED, INC. AM4222 Datasheet HTML 7Page - WOLFSPEED, INC. AM4222 Datasheet HTML 8Page - WOLFSPEED, INC. AM4222 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
5/10
has to be connected between the resistors R5 and RL. In this case the IC supply voltage VCC depends
on the voltage VS and the load resistor RL and can be calculated:
VV
I
R
CC
S
OUT
L
=−
⋅
(1)
Basically the IC AM422 is composed of 3 functional sections as they shown in Figure 1:
1. An operational amplifier input which allows the adjustment of the output current range with the
two external resistors R1 and R2. With the variation of the resistors the input voltage range and
the output current range can be set.
2. A voltage controlled current output, with a wide current range is adjustable with external resis-
tors RSET, R3 and R4. The resistors fix the output offset current, which depends on the reference
voltage and corresponds to a minimal output current. The output current IOUT is supplied by the
external transistor T1, driven by the output of the IC pin 3 (OUT).
3. A programmable voltage reference (VSET = N.C. or VSET = GND) can be used as an excitation
for constant voltage sensors or as supply for other external devices.
The output current is based on two partial currents: an adjustable offset current and a current relying
on the input signal VIN. The transfer function of the AM422 is then
()
( )
( )
IV
V
I
V
I
V
OUTSET
IN
SETSET
IN
IN
,
=+
(2)
For the adjustment of the AM422 two cases have to be differentiated. For input voltage ranges
without an offset voltage (0...5V, 0...10V) the adjustment of the output current range is as follows:
The minimum output current has to be set with an input voltage VIN = 0V. The output offset current
becomes
()
()
IV
R
V
VV
R
RR
R
RR
R
SET
IN
SET
REF
REF
SET
SET
==
⋅
−

 =⋅
+−
++
0
1
2
2
00
43
34
()
(3)
With R3 = R4 and simplifications the set resistor RSET is
R
RR I
V
SET
SET
REF
≈
4
04
(4)
The output current range has to be set with the transfer function of the IC and can be calculated by
∆II
I
V
R
R
RR
OUT
OUTmax
SET
INmax
=−
=
+
2
0
2
12
(5)
The relationship of R1/R2 becomes
()
R
R
V
RI
I
INmax
OUTmax
SET
1
2
0
2
1
=
−
−
(6)
The adjustment of the IC using an input offset voltage (for example 0.5...4.5V) can be described as
follows. For a desired change of the output current of
∆IOUT
∆
∆
I
V
R
OUT
PIN
=
4
0
2
⇒∆
∆
VR
I
PIN
OUT
40
2
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com