Electronic Components Datasheet Search
  English  ▼

X  

AD9398 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9398
Description  HDMI??Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9398 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9398 Datasheet HTML 9Page - Analog Devices AD9398 Datasheet HTML 10Page - Analog Devices AD9398 Datasheet HTML 11Page - Analog Devices AD9398 Datasheet HTML 12Page - Analog Devices AD9398 Datasheet HTML 13Page - Analog Devices AD9398 Datasheet HTML 14Page - Analog Devices AD9398 Datasheet HTML 15Page - Analog Devices AD9398 Datasheet HTML 16Page - Analog Devices AD9398 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9398
Rev. 0 | Page 13 of 44
AUDIO BOARD LEVEL MUTING
The audio can be muted through the infoframes or locally
via the serial bus registers. This can be controlled with
Register R0x57, Bits [7:4].
AVI Infoframes
The HDMI TMDS transmission contains infoframes with
specific information for the monitor such as:
•
Audio information
•
2 channels to 8 channels of audio identified
•
Audio coding
•
Audio sampling frequency
•
Speaker placement
•
N and CTS values (for reconstruction of the audio)
•
Muting
•
Source information
•
CD
•
SACD
•
DVD
•
Video information
•
Video ID code (per CEA861B)
•
Color space
•
Aspect ratio
•
Horizontal and vertical bar information
•
MPEG frame information (I, B, or P frame)
•
Vendor (transmitter source) name and product model
This information is the fundamental difference between DVI
and HDMI transmissions and is located in read-only registers
R0x5A to R0xEE. In addition to this information, registers are
provided to indicate that new information has been received.
Registers with addresses ending in 0xX7 or 0xXF beginning at
R0x87 contain the new data flag (NDF) information. These
registers contain the same information and all are reset once
any of them are read. Although there is no external interrupt
signal, it is very easy for the user to read any of these registers to
see if there is new information to be processed.
OUTPUT DATA FORMATS
The AD9398 supports 4:4:4, 4:2:2, double data rate (DDR), and
BT656 output formats. Register 0x25[3:0] controls the output
mode. These modes and the pin mapping are listed in Table 10.
Table 10.
Port
Red
Green
Blue
Bit
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
4:4:4
Red/Cr [7:0]
Green/Y [7:0]
Blue/Cb [7:0]
4:2:2
CbCr [7:0]
Y [7:0]
DDR 4:2:2 ↑ CbCr ↓ Y, Y
DDR ↑ 1 G [3:0]
DDR ↑ B [7:4]
DDR ↑ B [3:0]
DDR 4:2:2 ↑ CbCr [11:0]
4:4:4 DDR
DDR ↓ R [7:0]
DDR ↓ G [7:4]
DDR 4:2:2 ↓ Y,Y [11:0]
4:2:2 to 12
CbCr [11:0]
Y [11:0]
1 Arrows in the table indicate clock edge. Rising edge of clock =
↑, falling edge = ↓.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com