Electronic Components Datasheet Search
  English  ▼

X  

AD9398 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9398
Description  HDMI??Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9398 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9398 Datasheet HTML 15Page - Analog Devices AD9398 Datasheet HTML 16Page - Analog Devices AD9398 Datasheet HTML 17Page - Analog Devices AD9398 Datasheet HTML 18Page - Analog Devices AD9398 Datasheet HTML 19Page - Analog Devices AD9398 Datasheet HTML 20Page - Analog Devices AD9398 Datasheet HTML 21Page - Analog Devices AD9398 Datasheet HTML 22Page - Analog Devices AD9398 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9398
Rev. 0 | Page 19 of 44
Hex Address
Read/Write
or Read
Only
Bits
Default
Value
Register Name
Description
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.
0x5B
Read
[3]
HDMI Mode
0 = DVI, 1 = HDMI.
0x5E
Read
[7:6]
Channel Status
Mode = 00. All others are reserved.
[5:3]
When Bit 1 = 0 (linear PCM):
000 = 2 audio channels without pre-emphasis.
001 = 2 audio channels with 50/15 μs pre-emphasis.
010 = reserved.
011 = reserved.
2
0 = software for which copyright is asserted.
1 = software for which no copyright is asserted.
1
0 = audio sample word represents linear PCM samples.
1 = audio sample word used for other purposes.
0
0 = consumer use of channel status block.
Audio Channel Status
0x5F
Read
[7:0]
Channel Status
Category Code
0x60
Read
[7:4]
Channel Number
[3:0]
Source Number
0x61
Read
[5:4]
Clock Accuracy
Clock accuracy.
00 = Level II.
01 = Level III.
10 = Level I.
11 = reserved.
[3:0]
Sampling
0011 = 32 kHz.
Frequency
0000 = 44.1 kHz.
1000 = 88.2 kHz.
1100 = 176.4 kHz.
0010 = 48 kHz.
1010 = 96 kHz.
1110 = 192 kHz.
0x62
Read
[3:0]
Word Length
Word length.
0000 = not specified.
0100 = 16 bits.
0011 = 17 bits.
0010 = 18 bits.
0001 = 19 bits.
0101 = 20 bits.
1000 = not specified.
1100 = 20 bits.
1011 = 21 bits.
1010 = 22 bits.
1001 = 23 bits.
1101 = 24 bits.
0x7B
Read
[7:0]
CTS [19:12]
Cycle time stamp—this 20-bit value is used with the N
value to regenerate an audio clock. For remaining bits,
see Register 0x7C and Register 0x7D.
0x7C
Read
[7:0]
CTS [11:4]
0x7D
Read
[7:4]
CTS [3:0]
Read
[3:0]
N [19:16]
20-bit N used with CTS to regenerate the audio clock. For
remaining bits, see Register 0x7E and Register 0x7F.
0x7E
Read
[7:0]
N [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com