Electronic Components Datasheet Search
  English  ▼

X  

AD9398 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9398
Description  HDMI??Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9398 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9398 Datasheet HTML 16Page - Analog Devices AD9398 Datasheet HTML 17Page - Analog Devices AD9398 Datasheet HTML 18Page - Analog Devices AD9398 Datasheet HTML 19Page - Analog Devices AD9398 Datasheet HTML 20Page - Analog Devices AD9398 Datasheet HTML 21Page - Analog Devices AD9398 Datasheet HTML 22Page - Analog Devices AD9398 Datasheet HTML 23Page - Analog Devices AD9398 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9398
Rev. 0 | Page 20 of 44
Hex Address
Read/Write
or Read
Only
Bits
Default
Value
Register Name
Description
0x7F
Read
[7:0]
N [7:0]
AVI Infoframe
0x80
Read
[7:0]
AVI Infoframe Version
0x81
Read
[6:5]
Y [1:0] Indicates RGB, 4:2:2, or 4:4:4.
00 = RGB.
01 = YCbCr 4:2:2.
10 = YCbCr 4:4:4.
4
Active Format
Active format information present.
Information Status
0 = no data.
1 = active format information valid.
[3:2]
Bar Information
B [1:0].
00 = no bar information.
01 = horizontal bar information valid.
10 = vertical bar information valid.
11 = horizontal and vertical bar information valid.
[1:0]
Scan Information
S [1:0].
00 = no information.
01 = overscanned (television).
10 = underscanned (computer).
0x82
Read
[7:6]
Colorimetry
C [1:0].
00 = no data.
01 = SMPTE 170M, ITU601.
10 = ITU709.
[5:4]
Picture Aspect Ratio
M [1:0].
00 = no data.
01 = 4:3.
10 = 16:9.
[3:0]
Active Format Aspect
Ratio
R [3:0].
1000 = same as picture aspect ratio.
1001 = 4:3 (center).
1010 = 16:9 (center).
1011 = 14:9 (center).
0x83
Read
[1:0]
Nonuniform Picture
Scaling
SC[1:0].
00 = no known nonuniform scaling.
01 = picture has been scaled horizontally.
10 = picture has been scaled vertically.
11 = picture has been scaled horizontally and vertically.
0x84
Read
[6:0]
Video Identification
Code
VIC [6:0] video identification code—refer to CEA EDID
short video descriptors.
0x85
Read
[3:0]
Pixel Repeat
PR [3:0]—This specifies how many times a pixel has been
repeated.
0000 = no repetition (pixel sent once).
0001 = pixel sent twice (repeated once).
0010 = pixel sent 3 times.
1001 = pixel sent 10 times.
0xA—0xF reserved.
0x86
Read
[7:0]
Active Line Start LSB
This represents the line number of the end of the top
horizontal bar. If 0, there is no horizontal bar. Combines
with Register 0x88 for a 16-bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com