Electronic Components Datasheet Search
  English  ▼

X  

BSR16 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSR16
Description  PNP switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR16 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSR16 Datasheet HTML 1Page - NXP Semiconductors BSR16 Datasheet HTML 2Page - NXP Semiconductors BSR16 Datasheet HTML 3Page - NXP Semiconductors BSR16 Datasheet HTML 4Page - NXP Semiconductors BSR16 Datasheet HTML 5Page - NXP Semiconductors BSR16 Datasheet HTML 6Page - NXP Semiconductors BSR16 Datasheet HTML 7Page - NXP Semiconductors BSR16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 May 14
1999 Apr 15
DISCRETE SEMICONDUCTORS
BSR15; BSR16
PNP switching transistors
book, halfpage
M3D088


Similar Part No. - BSR16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
logo
NXP Semiconductors
BSR16 NXP-BSR16 Datasheet
139Kb / 8P
PNP switching transistors
2004 Jan 13
logo
Continental Device Indi...
BSR16 CDIL-BSR16 Datasheet
152Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Nexperia B.V. All right...
BSR16 NEXPERIA-BSR16 Datasheet
732Kb / 14P
60V, 600 mA, PNP switching transistor
24 April 2015
logo
Guangdong Kexin Industr...
BSR16-HF KEXIN-BSR16-HF_15 Datasheet
961Kb / 2P
PNP Transistors
More results

Similar Description - BSR16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
PNP switching transistors
1997 May 28
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
PNP switching transistors
1997 Jun 02
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
PNP switching transistors
1997 Jun 18
PMBT2907 PHILIPS-PMBT2907 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 27
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
PNP Switching Transistors
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
PNP Switching Transistors
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
PNP Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com