Electronic Components Datasheet Search
  English  ▼

X  

AD9927 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9927 Datasheet HTML 2Page - Analog Devices AD9927 Datasheet HTML 3Page - Analog Devices AD9927 Datasheet HTML 4Page - Analog Devices AD9927 Datasheet HTML 5Page - Analog Devices AD9927 Datasheet HTML 6Page - Analog Devices AD9927 Datasheet HTML 7Page - Analog Devices AD9927 Datasheet HTML 8Page - Analog Devices AD9927 Datasheet HTML 9Page - Analog Devices AD9927 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
AD9927
Rev. 0 | Page 6 of 100
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = TCVDD = 1.8 V, DRVDD = 3.0 V, fCLI = 40 MHz, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (See Figure 16)
CLI Clock Period
tCONV
25
ns
CLI High/Low Pulse Width
10
12.5
15
ns
Delay from CLI Rising Edge to Internal Pixel Position 0
tCLIDLY
6
ns
VD FALLING EDGE TO HD FALLING EDGE IN SLAVE MODE (See Figure 89)
tVDHD
0
VD period − 5 × tCONV
ns
AFE CLPOB PULSE WIDTH (See Figure 23 and Figure 33)1, 2
2
20
Pixels
AFE SAMPLE LOCATION (See Figure 17 and Figure 20)1
SHP Sample Edge to SHD Sample Edge
tS1
11
12.5
ns
DATA OUTPUTS (See Figure 21 and Figure 22)
Output Delay from DCLK Rising Edge
tOD
1
ns
Inhibited Area for DOUTPHASE Edge Location
tDOUTINH
SHDLOC + 1
SHDLOC + 15
Edge
location
Pipeline Delay from SHP/SHD Sampling to DOUT
16
Cycles
SERIAL INTERFACE (See Figure 97)
Maximum SCK Frequency (Must Not Exceed CLI Frequency)
fSCLK
40
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
1 Parameter is programmable.
2 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com