Electronic Components Datasheet Search
  English  ▼

X  

AD9927 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9927 Datasheet HTML 69Page - Analog Devices AD9927 Datasheet HTML 70Page - Analog Devices AD9927 Datasheet HTML 71Page - Analog Devices AD9927 Datasheet HTML 72Page - Analog Devices AD9927 Datasheet HTML 73Page - Analog Devices AD9927 Datasheet HTML 74Page - Analog Devices AD9927 Datasheet HTML 75Page - Analog Devices AD9927 Datasheet HTML 76Page - Analog Devices AD9927 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
AD9927
Rev. 0 | Page 73 of 100
POWER
SUPPLIES
SERIAL
WRITES
VD
(OUTPUT)
1H
FIRST FIELD
SYNC
(INPUT)
CLI
(INPUT)
HD
(OUTPUT)
H-CLOCKS
V1 TO V24
SUBCK
tSYNC
0V
VH SUPPLY FOR V-DRIVER
VL SUPPLY FOR V-DRIVER
HI-Z BY
DEFAULT
HI-Z BY
DEFAULT
LOW BY
DEFAULT
HI-Z BY
DEFAULT
4
23
5
6
7
8
9
10
1V
H2, H4, H6, H8
H1, H3, H5, H7, RG
CLOCKS ACTIVE WHEN OUTCONTROL
REGISTER IS UPDATED AT VD/HD EDGE
Figure 87. Recommended Power-Up Sequence and Synchronization, Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com