Electronic Components Datasheet Search
  English  ▼

X  

AD9927 Datasheet(PDF) 99 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9927 Datasheet HTML 92Page - Analog Devices AD9927 Datasheet HTML 93Page - Analog Devices AD9927 Datasheet HTML 94Page - Analog Devices AD9927 Datasheet HTML 95Page - Analog Devices AD9927 Datasheet HTML 96Page - Analog Devices AD9927 Datasheet HTML 97Page - Analog Devices AD9927 Datasheet HTML 98Page - Analog Devices AD9927 Datasheet HTML 99Page - Analog Devices AD9927 Datasheet HTML 100Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
AD9927
Rev. 0 | Page 99 of 100
OUTLINE DIMENSIONS
B
C
D
E
F
G
H
J
K
A
SEATING
PLANE
0.15 MIN
DETAILA
0.45
0.40
0.35
BALL DIAMETER
COPLANARITY
0.10
0.65 BSC
7.15
BSC SQ
10 98 76 5 4 3 21
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
*1.40 MAX
0.65 MIN
11
12
L
M
9.10
9.00 SQ
8.90
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION OF PACKAGE HEIGHT.
Figure 102. 128-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
9 mm × 9 mm Body
(BC-128)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9927BBCZ1
–25°C to +85°C
128-Lead CSP_BGA
BC-128
AD9927BBCZRL1
–25°C to +85°C
128-Lead CSP_BGA
BC-128
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com