Electronic Components Datasheet Search
  English  ▼

X  

AD9942BBCZRL Datasheet(PDF) 30 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 26Page - Analog Devices AD9942BBCZRL Datasheet HTML 27Page - Analog Devices AD9942BBCZRL Datasheet HTML 28Page - Analog Devices AD9942BBCZRL Datasheet HTML 29Page - Analog Devices AD9942BBCZRL Datasheet HTML 30Page - Analog Devices AD9942BBCZRL Datasheet HTML 31Page - Analog Devices AD9942BBCZRL Datasheet HTML 32Page - Analog Devices AD9942BBCZRL Datasheet HTML 33Page - Analog Devices AD9942BBCZRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD9942
Rev. A | Page 30 of 36
A1
CCDIN_A
D1
REFB_A
C1
REFT_A
B2
SL_A
C2
SDATA_A
D2
SCK_A
E1
HD_A
E2
VD_A
E4
HVDD_A
E3
HVSS_A
F4
H1A
F3
H2A
D4
H3A
D3
H4A
F1
DVDD_A
F2
DVSS_A
G1
D0_A (LSB)
H1
D1_A
J1
D2_A
K1
D3_A
G2
D4_A
H2
D5_A
K2
D6_A
G3
D7_A
H3
D8_A
B7
AVSS_B
A7
CCDIN_B
D7
REFB_B
C7
REFT_B
B8
SL_B
C8
SDATA_B
D8
SCK_B
E7
HD_B
E8
VD_B
E10
HVDD_B
E9
HVSS_B
F10
H1B
F9
H2B
D10
H3B
D9
H4B
F7
DVDD_B
F8
DVSS_B
G7
D0_B (LSB)
H7
D1_B
J7
D2_B
K7
D3_B
G8
D4_B
H8
D5_B
K8
D6_B
G9
D7_B
AD9942
0.1µF
3V ANALOG
SUPPLY
4.7µF
0.1µF
H1A TO H4A
DRIVER
SUPPLY
H1A TO H4A
OUTPUTS
CHN_A CCD
SIGNAL
VD COMMON INPUT
HD COMMON INPUT
SERIAL
INTERFACE
FOR CHN_A
3V
DRIVER
3V
DRIVER
4
1.0µF
1.0µF
0.1µF
0.1µF
3V ANALOG
SUPPLY
0.1µF
H1B TO H4B
DRIVER
SUPPLY
H1B TO H4B
OUTPUTS
CHN_B CCD
SIGNAL
VD COMMON INPUT
HD COMMON INPUT
SERIAL
INTERFACE
FOR CHN_B
4.7µF
4
1.0µF
1.0µF
0.1µF
CHN_A DATA
OUTPUTS
14
CHN_B DATA
OUTPUTS
14
3
0.1µF
4.7µF
+
RG_B DRIVER
SUPPLY
RG_B OUTPUT
3V ANALOG SUPPLY
+
4.7µF
COMMON MASTER CLOCK INPUT
3V ANALOG SUPPLY
RG_A DRIVER SUPPLY
RG_A OUTPUT
3V ANALOG SUPPLY
+
4.7µF
+
4.7µF
3V ANALOG
SUPPLY
COMMON MASTER CLOCK INPUT
Figure 30. Recommended Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com