Electronic Components Datasheet Search
  English  ▼

X  

AD9942BBCZRL Datasheet(PDF) 20 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 16Page - Analog Devices AD9942BBCZRL Datasheet HTML 17Page - Analog Devices AD9942BBCZRL Datasheet HTML 18Page - Analog Devices AD9942BBCZRL Datasheet HTML 19Page - Analog Devices AD9942BBCZRL Datasheet HTML 20Page - Analog Devices AD9942BBCZRL Datasheet HTML 21Page - Analog Devices AD9942BBCZRL Datasheet HTML 22Page - Analog Devices AD9942BBCZRL Datasheet HTML 23Page - Analog Devices AD9942BBCZRL Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9942
Rev. A | Page 20 of 36
Table 17. Channel A and Channel B H1X to H4X CONTROL, RG_X CONTROL, DRVCONTROL,
and SAMPCONTROL Register Parameters
Parameter
Length
(Bit)
Range
Description
Polarity
1
High/low
Polarity control for H1X and RG_X (0 = no inversion; 1 = inversion).
Positive Edge
6
0 to 47 edge locations
Positive-edge location for H1X, H3X, and RG_X.
Negative Edge
6
0 to 47 edge locations
Negative-edge location for H1X and RG_X.
Sample Location
6
0 to 47 sample locations
Sampling location for SHP and SHD.
Drive Control
3
0 to7 current steps
Drive current for H1X to H4X and RG_X outputs, 0 to 7 steps of 4.1 mA each.
DOUT Phase
6
0 to 47 edge locations
Phase location of data outputs with respect to pixel period.
Table 18. Channel A and Channel B Precision Timing Edge Locations
Quadrant
Edge Location (Decimal)
Register Value (Decimal)
Register Value (Binary)
I
0 to 11
0 to 11
000000 to 001011
II
12 to 23
16 to 27
010000 to 011011
III
24 to 35
32 to 43
100000 to 101011
IV
36 to 47
48 to 59
110000 to 111011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com