Electronic Components Datasheet Search
  English  ▼

X  

AD9942BBCZRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 8Page - Analog Devices AD9942BBCZRL Datasheet HTML 9Page - Analog Devices AD9942BBCZRL Datasheet HTML 10Page - Analog Devices AD9942BBCZRL Datasheet HTML 11Page - Analog Devices AD9942BBCZRL Datasheet HTML 12Page - Analog Devices AD9942BBCZRL Datasheet HTML 13Page - Analog Devices AD9942BBCZRL Datasheet HTML 14Page - Analog Devices AD9942BBCZRL Datasheet HTML 15Page - Analog Devices AD9942BBCZRL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9942
Rev. A | Page 12 of 36
EQUIVALENT INPUT/OUTPUT CIRCUITS
X = A, B.
R
AVDD
AVSS
AVSS
Figure 3. CCDIN_X
AVDD
AVSS
330Ω
CLI
25kΩ
1.4V
+
Figure 4. CLI_X
DVSS
DRVDD
DVSS
DRVSS
DATA
THREE-STATE
DOUT
Figure 5. Data Outputs D0_X to D13_X
DVDD
DVSS
330Ω
Figure 6. Digital Inputs
HVDD OR RGVDD
HVSS OR RGVSS
DATA
ENABLE
DOUT
Figure 7. H1X to H4X and RG_X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com