Electronic Components Datasheet Search
  English  ▼

X  

AD9704-EB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9704-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704-EB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9704-EB Datasheet HTML 35Page - Analog Devices AD9704-EB Datasheet HTML 36Page - Analog Devices AD9704-EB Datasheet HTML 37Page - Analog Devices AD9704-EB Datasheet HTML 38Page - Analog Devices AD9704-EB Datasheet HTML 39Page - Analog Devices AD9704-EB Datasheet HTML 40Page - Analog Devices AD9704-EB Datasheet HTML 41Page - Analog Devices AD9704-EB Datasheet HTML 42Page - Analog Devices AD9704-EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 39 of 52
To perform a device self-calibration, the following procedure
can be used.
The calibration clock frequency is equal to the DAC clock
divided by the division factor chosen by the DIVSEL value. The
frequency of the calibration clock must be set to under 10 MHz
for reliable calibrations. Best results are obtained by setting
DIVSEL[2:0] (Register 0x0E, Bit 2 to Bit 0) to produce the
lowest frequency calibration clock frequency that your system
requirements allow.
1.
Enable the calibration clock by setting the CALCLK bit
(Register 0x02, Bit 0).
2.
Enable self-calibration by writing 0x40 to Register 0x0F.
3.
Wait approximately 4500 calibration clock cycles. Each
calibration clock cycle is between 2 and 256 DAC clock
cycles, depending on the value of DIVSEL[2:0].
4.
Check if the self-calibration has completed by reading the
CALSTAT bit (Register 0x0F, Bit 7). A Logic 1 indicates the
calibration has completed.
5.
When the self-calibration has completed, write 0x00 to
Register 0x0F.
6.
Disable the calibration clock by clearing the CALCLK Bit
(Register 0x02, Bit 0).
The AD970x devices allow reading and writing of the calibration
coefficients. There are 33 coefficients in total. The read/write
feature of the coefficients could be useful for improving the results
of the self-calibration routine by averaging the results of several
calibration results and loading the averaged results back into the
device. The reading and writing routines follow.
To read the calibration coefficients
1.
Enable the calibration clock by setting the CALCLK bit
(Register 0x02, Bit 0).
2.
Write the address of the first coefficient (0x00) to
Register 0x10.
3.
Set the SMEMRD bit (Register 0x0F, Bit 2) by writing 0x04
to Register 0x0F.
4.
Read the value of the first coefficient by reading the
contents of Register 0x11.
5.
Clear the SMEMRD bit by writing 0x00 to Register 0x0F.
6.
Repeat Step 2 through Step 5 for each of the remaining 32
coefficients by incrementing the address by one each read.
7.
Disable the calibration clock by clearing the CALCLK Bit
(Register 0x02, Bit 0).
To write the calibration coefficients to the device:
1.
Enable the calibration clock by setting the CALCLK bit
(Register 0x02, Bit 0).
2.
Set the SMEMWR bit (Register 0x0F, Bit 3) by writing 0x08
to Register 0x0F.
3.
Write the address of the first coefficient (0x00) to
Register 0x10.
4.
Write the value of the first coefficient to Register 0x11.
5.
Repeat Step 2 and Step 3 for each of the remaining 32
coefficients by incrementing the address by one each write.
6.
Clear the SMEMWR bit by writing 0x00 to Register 0x0F.
7.
Disable the calibration clock by clearing the CALCLK bit
(Register 0x02, Bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com