Electronic Components Datasheet Search
  English  ▼

X  

AD9704-EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9704-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704-EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9704-EB Datasheet HTML 19Page - Analog Devices AD9704-EB Datasheet HTML 20Page - Analog Devices AD9704-EB Datasheet HTML 21Page - Analog Devices AD9704-EB Datasheet HTML 22Page - Analog Devices AD9704-EB Datasheet HTML 23Page - Analog Devices AD9704-EB Datasheet HTML 24Page - Analog Devices AD9704-EB Datasheet HTML 25Page - Analog Devices AD9704-EB Datasheet HTML 26Page - Analog Devices AD9704-EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 23 of 52
0.01
–0.04
–0.03
–0.02
–0.01
0
0
1000
2000
3000
4096
CODE
Figure 51. AD9706 Typical Uncalibrated DNL
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT = 15.0MHz
SFDR = 67dBc
AMPLITUDE = 0dBFS
Figure 52. AD9704 Single-Tone SFDR
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
SFDR = 67dBc
AMPLITUDE = 0dBFS
Figure 53. AD9704 Dual-Tone SFDR
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT = 15.0MHz
SFDR = 75dBc
AMPLITUDE = 0dBFS
Figure 54. AD9705 Single-Tone SFDR
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
SFDR = 73dBc
AMPLITUDE = 0dBFS
Figure 55. AD9705 Dual-Tone SFDR
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1
6
11
16
21
26
31
36
FREQUENCY (MHz)
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
SFDR = 77dBc
AMPLITUDE = 0dBFS
Figure 56. AD9706 Single-Tone SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com