Electronic Components Datasheet Search
  English  ▼

X  

AD9704-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9704-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9704-EB Datasheet HTML 18Page - Analog Devices AD9704-EB Datasheet HTML 19Page - Analog Devices AD9704-EB Datasheet HTML 20Page - Analog Devices AD9704-EB Datasheet HTML 21Page - Analog Devices AD9704-EB Datasheet HTML 22Page - Analog Devices AD9704-EB Datasheet HTML 23Page - Analog Devices AD9704-EB Datasheet HTML 24Page - Analog Devices AD9704-EB Datasheet HTML 25Page - Analog Devices AD9704-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 22 of 52
AD9704, AD9705, AND AD9706
VDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
0
102030
4050607080
fOUT (MHz)
AD9707
AD9706
AD9705
AD9704
Figure 45. AD9704, AD9705, AD9706 NSD vs. fOUT @ 0 dBFS
0.03
0.02
0
–0.01
0.01
–0.02
0
50
100
150
200
256
CODE
Figure 46. AD9704 Typical Uncalibrated INL
0.01
0
–0.01
–0.03
–0.02
0
50
100
150
200
256
CODE
Figure 47. AD9704 Typical Uncalibrated DNL
0.01
0
–0.01
0
200
400
600
800
1024
CODE
Figure 48. AD9705 Typical Uncalibrated INL
0.01
0
–0.01
0
200
400
600
800
1024
CODE
Figure 49. AD9705 Typical Uncalibrated DNL
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
1000
2000
3000
4096
CODE
Figure 50. AD9706 Typical Uncalibrated INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com