Electronic Components Datasheet Search
  English  ▼

X  

AD73411 Datasheet(PDF) 27 Page - Analog Devices

Part # AD73411
Description  Low-Power Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73411 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD73411 Datasheet HTML 23Page - Analog Devices AD73411 Datasheet HTML 24Page - Analog Devices AD73411 Datasheet HTML 25Page - Analog Devices AD73411 Datasheet HTML 26Page - Analog Devices AD73411 Datasheet HTML 27Page - Analog Devices AD73411 Datasheet HTML 28Page - Analog Devices AD73411 Datasheet HTML 29Page - Analog Devices AD73411 Datasheet HTML 30Page - Analog Devices AD73411 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
REV. 0
AD73411
–27–
ACCESSIBLE WHEN
DMOVLAY = 2
ACCESSIBLE WHEN
DMOVLAY = 1
ALWAYS
ACCESSIBLE
AT ADDRESS
0x2000 – 0x3FFF
ACCESSIBLE WHEN
DMOVLAY = 0
INTERNAL
MEMORY
EXTERNAL
MEMORY
0x0000–
0x1FFF
0x0000–
0x1FFF
0x0000–
0x1FFF
DATA MEMORY
32 MEMORY
MAPPED
REGISTERS
0
x3FFF
0x2000
0x1FFF
INTERNAL
8160
WORDS
0
x0000
DATA MEMORY
ADDRESS
8K INTERNAL
DMOVLAY = 0
OR
EXTERNAL 8K
DMOVLAY = 1, 2
0x3FE0
0x3FDF
Figure 16. Data Memory Map
Data Memory (Host Mode) allows access to all internal memory.
External overlay access is limited by a single external address
line (A0). The DMOVLAY bits are defined in Table XX.
Table XX. DMOVLAY Bits
DMOVLAY
Memory
A13
A12:0
0
Internal
Not Applicable Not Applicable
1
External
0
13 LSBs of Address
Overlay 1
Between 0x2000
and 0x3FFF
2
External
1
13 LSBs of Address
Overlay 2
Between 0x2000
and 0x3FFF
I/O Space (Full Memory Mode)
The AD73411 supports an additional external memory space
called I/O space. This space is designed to support simple connec-
tions to peripherals (such as data converters and external registers)
or to bus interface ASIC data registers. I/O space supports 2048
locations of 16-bit-wide data. The lower 11-bits of the external
address bus are used; the upper three bits are undefined. Two
instructions were added to the core ADSP-2100 Family Instruc-
tion Set to read from and write to I/O memory space. The I/O
space also has four dedicated 3-bit wait state registers, IOWAIT0-
3, that specify up to seven wait states to be automatically generated
for each of four regions. The wait states act on address ranges as
shown in Table XXI.
Table XXI. Wait States
Address Range
Wait State Register
0x000–0x1FF
IOWAIT0
0x200–0x3FF
IOWAIT1
0x400–0x5FF
IOWAIT2
0x600–0x7FF
IOWAIT3
Composite Memory Select (
CMS)
The AD73411 has a programmable memory select signal that is
useful for generating memory select signals for memories mapped
to more than one space. The
CMS signal is generated to have
the same timing as each of the individual memory select signals
(
PMS, DMS, BMS, IOMS) but can combine their functionality.
Each bit in the CMSSEL register, when set, causes the
CMS
signal to be asserted when the selected memory select is asserted.
For example, to use a 32K word memory to act as both program
and data memory, set the
PMS and DMS bits in the CMSSEL
register and use the
CMS pin to drive the chip select of the
memory; use either
DMS or PMS as the additional address bit.
The
CMS pin functions like the other memory select signals,
with the same timing and bus request logic. A 1 in the enable bit
causes the assertion of the
CMS signal at the same time as the
selected memory select signal. All enable bits default to 1 at reset,
except the
BMS bit.
Boot Memory Select (
BMS) Disable
The AD73411 also lets you boot the processor from one exter-
nal memory space while using a different external memory space
for BDMA transfers during normal operation. You can use the
CMS to select the first external memory space for BDMA trans-
fers and
BMS to select the second external memory space for
booting. The
BMS signal can be disabled by setting Bit 3 of the
System Control Register to 1. The System Control Register is
illustrated in Figure 17.
SYSTEM CONTROL REGISTER
PWAIT
PROGRAM MEMORY
WAIT STATES
00
0
0
0
1
00
000
0
0
1
1
1
15 14 13 12 11 10
9
8
7
6
5
43210
DM (0x3FFF)
BMS ENABLE
0 = ENABLED
1 = DISABLED
SPORT0 ENABLE
1 = ENABLED
0 = DISABLED
SPORT1 ENABLE
1 = ENABLED
0 = DISABLED
SPORT1 CONFIGURE
1 = SERIAL PORT
0 = FI, FO,
IRQ0,
IRQ1, SCLK
Figure 17. System Control Register
Byte Memory
The byte memory space is a bidirectional, 8-bit-wide, external
memory space used to store programs and data. Byte memory is
accessed using the BDMA feature. The BDMA Control Regis-
ter is shown in Figure 18. The byte memory space consists of
256 pages, each of which is 16K
× 8.
The byte memory space on the AD73411 supports read and
write operations as well as four different data formats. The byte
memory uses data bits 15:8 for data. The byte memory uses
data bits 23:16 and address bits 13:0 to create a 22-bit address.
This allows up to a 4 meg
× 8 (32 megabit) ROM or RAM to be
used without glue logic. All byte memory accesses are timed by
the BMWAIT register.
Byte Memory DMA (BDMA, Full Memory Mode)
The Byte memory DMA controller allows loading and storing of
program instructions and data using the byte memory space.
The BDMA circuit is able to access the byte memory space
while the processor is operating normally, and steals only one
DSP cycle per 8-, 16-, or 24-bit word transferred.
BDMA CONTROL
BMPAGE
BTYPE
BCR
0 = RUN DURING BDMA
1 = HALT DURING BDMA
00
0
0
0
0
00
000
0
1
0
0
0
15 14 13 12 11 10
9
8
7
6
5
43210
DM (0x3FE3)
BDIR
0 = LOAD FROM BM
1 = STORE TO BM
Figure 18. BDMA Control Register
The BDMA circuit supports four different data formats that are
selected by the BTYPE register field. The appropriate number
of 8-bit accesses are done from the byte memory space to build
the word size selected. Table XXII shows the data formats sup-
ported by the BDMA circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com