Electronic Components Datasheet Search
  English  ▼

X  

AD73411 Datasheet(PDF) 33 Page - Analog Devices

Part # AD73411
Description  Low-Power Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73411 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD73411 Datasheet HTML 28Page - Analog Devices AD73411 Datasheet HTML 29Page - Analog Devices AD73411 Datasheet HTML 30Page - Analog Devices AD73411 Datasheet HTML 31Page - Analog Devices AD73411 Datasheet HTML 32Page - Analog Devices AD73411 Datasheet HTML 33Page - Analog Devices AD73411 Datasheet HTML 34Page - Analog Devices AD73411 Datasheet HTML 35Page - Analog Devices AD73411 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
REV. 0
AD73411
–33–
CONTINUOUS
TIME
LOW-PASS
FILTER
REFOUT
REFERENCE
0/38dB
PGA
VREF
REFCAP
0.1 F
VINN
VINP
0.047
F
100
0.1 F
VOUTP
VOUTN
10k
AD73411
+6/–15dB
PGA
Figure 28. Analog Input (AC-Coupled) Single-Ended
CONTINUOUS
TIME
LOW-PASS
FILTER
REFOUT
REFERENCE
0/38dB
PGA
VREF
REFCAP
0.1 F
VINN
VINP
VOUTP
VOUTN
AD73411
+6/–15dB
PGA
0.047
F
100
0.1 F
10k
Figure 29. Analog Input (AC-Coupled) Single-Ended
(Alternate Input)
Interfacing to an Electret Microphone
Figure 30 details an interface for an electret microphone which
may be used in some voice applications. Electret microphones
typically feature a FET amplifier whose output is accessed on
the same lead that supplies power to the microphone; therefore,
this output signal must be capacitively coupled to remove the
power supply (dc) component. In this circuit the AD73411
input channel is being used in single-ended mode where the
inverting amplifier provides suitable gain to scale the input
signal relative to the ADC’s full-scale input range. The buffered
internal reference level at REFOUT is used via an external
buffer to provide power to the electret microphone. This pro-
vides a quiet, stable supply for the microphone. If this is not a
concern, the microphone can be powered from the system
power supply.
VINN
VINP
VOUTP
VOUTN
ELECTRET
MICROPHONE
10 F
RA
RB
R1
R2
5V
C2
C1
CONTINUOUS
TIME
LOW-PASS
FILTER
REFCAP
REFOUT
REFERENCE
VREF
0/38dB
PGA
CREFCAP
+6/–15dB
PGA
Figure 30. Electret Microphone Interface Circuit
Analog Output
The AD73411’s differential analog output (VOUT) is produced
by an on-chip differential amplifier. The differential output can
be ac-coupled or dc-coupled directly to a load that can be a
headset or the input of an external amplifier. It is possible to
connect the outputs in either a differential or a single-ended
configuration, but please note that the effective maximum output
voltage swing (peak-to-peak) is halved in the case of single-ended
connection. Figure 31 shows a simple circuit providing a differ-
ential output with ac coupling. The capacitors in this circuit
(COUT) are optional; if used, their value can be chosen as follows:
C
fR
OUT
C
LOAD
=
1
2
π
where fC = desired cutoff frequency.
CONTINUOUS
TIME
LOW-PASS
FILTER
REFCAP
REFOUT
REFERENCE
CREFCAP
COUT
RLOAD
COUT
VINN
VINP
VOUTP
VOUTN
AD73411
+6/–15dB
PGA
Figure 31. Example Circuit for Differential Output
Figure 32 shows an example circuit for providing a single-ended
output with ac coupling. The capacitor of this circuit (COUT) is
not optional if dc current drain is to be avoided.
RLOAD
COUT
CONTINUOUS
TIME
LOW-PASS
FILTER
REFCAP
REFOUT
REFERENCE
CREFCAP
VINN
VINP
VOUTP
VOUTN
AD73411
+6/–15dB
PGA
Figure 32. Example Circuit for Single-Ended Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com